Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPDA-8003 Datasheet(PDF) 2 Page - TDK Electronics

Part # LPDA-8003
Description  LPDA-8003 Log Periodic Dipole Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

LPDA-8003 Datasheet(HTML) 2 Page - TDK Electronics

  LPDA-8003 Datasheet HTML 1Page - TDK Electronics LPDA-8003 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
ANTENNAS
To learn more about TDK RF Solutions’ wide range of innovative products and services visit www.tdkrfsolutions.com
© Copyright 2004 TDK RF Solutions Inc. All rights reserved. Specifications subject to change without notice.
LPDA-8003 Log Periodic Dipole Antenna
DSLPDA8003072604
Electrical Characteristics
Frequency Range:
800 MHz to 3 GHz
Gain:
8 dBi
VSWR:
2:1 average
Polarization:
Linear
Power Handling:
500W CW
Feedpoint Impedance:
50 ohms nominal
Mechanical Specifications
Size:
91 cm x 23 cm x 3 cm
(36” L x 9” W x 1” H)
Weight:
<1 kg
Construction:
Aluminum with gold
chromate finish
RF Connector:
N-type female
Ordering Information
Product:
Log Periodic Dipole
Antenna
Model Number:
LPDA-8003
Warranty:
1 year limited
To place an order or to learn more about the
TDK RF Solutions products that best meet your
needs, contact your TDK sales representative:
TDK RF Solutions Inc.
1101 Cypress Creek Rd.
Cedar Park, Texas 78613 USA
Phone:
1-512-258-9478
Fax:
1-512-258-0740
E-mail:
info@tdkrf.com
World Wide Web:
www.tdkrfsolutions.com
TDK Electronics Europe
TDK House, Queensway 5 - 7
RH1 1YB, Redhill, Surrey
United Kingdom
Phone:
+44/1737-781-372
Fax:
+44/1737-781-360



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com