Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV7271MF Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV7271MF
Description  Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV7271MF Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMV7271MF Datasheet HTML 1Page - National Semiconductor (TI) LMV7271MF Datasheet HTML 2Page - National Semiconductor (TI) LMV7271MF Datasheet HTML 3Page - National Semiconductor (TI) LMV7271MF Datasheet HTML 4Page - National Semiconductor (TI) LMV7271MF Datasheet HTML 5Page - National Semiconductor (TI) LMV7271MF Datasheet HTML 6Page - National Semiconductor (TI) LMV7271MF Datasheet HTML 7Page - National Semiconductor (TI) LMV7271MF Datasheet HTML 8Page - National Semiconductor (TI) LMV7271MF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2.7V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 2.7V, V− = 0V. Boldface limits apply at the temperature
extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
0.3
4
6
mV
TC V
OS
Input Offset Temperature Drift
V
CM = 1.35V (Note 7)
20
µV/˚C
I
B
Input Bias Current
10
nA
I
OS
Input offset Current
200
pA
I
S
Supply Current
LMV7271/LMV7275
9
13
15
µA
LMV7272
18
25
28
µA
I
SC
Output Short Circuit Current
Sourcing, V
O = 1.35V
(LMV7271/LMV7272 only)
12
15
mA
Sinking, V
O = 1.35V
12
15
V
OH
Output Voltage High
(LMV7271/LMV7272 only)
I
O = 0.5mA
2.63
2.66
V
I
O = 2.0mA
2.48
2.55
V
OL
Output Voltage Low
I
O = −0.5mA
50
70
mV
I
O = −2mA
155
220
V
CM
Input Common Voltage Range
CMRR > 45dB
2.8
V
−0.1
V
CMRR
Common Mode Rejection Ratio
0 < V
CM < 2.7V
46
78
dB
PSRR
Power Supply Rejection Ratio
V
+ = 1.8V to 5V
55
80
dB
I
LEAKAGE
Output Leakage Current
V
O = 2.7V (LMV7275 only)
2
pA
2.7V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 2.7V, V− = 0V, V
CM = 0.5V, VO =V
+/2 and R
L > 1M
Ω to
V
−. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
t
PHL
Propagation Delay
(High to Low)
Input Overdrive = 20mV
Load = 50pF//5k
Ω
1200
ns
Input Overdrive = 50mV
Load = 50pF//5k
Ω
810
ns
t
PLH
Propagation Delay
(Low to High)
Input Overdrive = 20mV
Load = 50pF//5k
Ω
1300
ns
Input Overdrive = 50mV
Load = 50pF//5k
Ω
860
ns
5.0V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5V, V− = 0V. Boldface limits apply at the temperature ex-
tremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
0.3
4
6
mV
TC V
OS
Input Offset Temperature Drift
V
CM = 2.5V (Note 7)
20
µV/˚C
I
B
Input Bias Current
10
nA
I
OS
Input Offset Current
200
pA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com