Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV7271MFX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV7271MFX
Description  Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV7271MFX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV7271MFX Datasheet HTML 1Page - National Semiconductor (TI) LMV7271MFX Datasheet HTML 2Page - National Semiconductor (TI) LMV7271MFX Datasheet HTML 3Page - National Semiconductor (TI) LMV7271MFX Datasheet HTML 4Page - National Semiconductor (TI) LMV7271MFX Datasheet HTML 5Page - National Semiconductor (TI) LMV7271MFX Datasheet HTML 6Page - National Semiconductor (TI) LMV7271MFX Datasheet HTML 7Page - National Semiconductor (TI) LMV7271MFX Datasheet HTML 8Page - National Semiconductor (TI) LMV7271MFX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LMV7271/LMV7275/LMV7272
Single & Dual, 1.8V Low Power Comparators with
Rail-to-Rail Input
General Description
The LMV727X are rail-to-rail input low power comparators,
which are characterized at supply voltage 1.8V, 2.7V and
5.0V. They consume only 9uA supply current per channel
while achieving a 800ns propagation delay.
The LMV7271/LMV7275 (single) are available in SC70 and
SOT23 packages. The LMV7272 (dual) is available in micro
SMD package. With these tiny packages, the PC board area
can be significantly reduced. They are ideal for low voltage,
low power and space critical designs.
The LMV7271/LMV7272 both feature a push-pull output
stage which allows operation with minimum power consump-
tion when driving a load. The LMV7275 features an open
drain output stage that allows for wired-OR configurations.
The open drain output also offers the advantage of allowing
the output to be pulled to any voltage up to 5V, regardless of
the supply voltage of the LMV7275.
The LMV727X are built with National Semiconductor’s ad-
vance submicron silicon-gate BiCMOS process. They all
have bipolar inputs for improved noise performance and
CMOS outputs for rail-to-rail output swing.
Features
(V
S = 1.8V, TA = 25˚C, Typical values unless specified).
n
Single or Dual Supplies
n
Ultra low supply current
9µA per channel
n
Low input bias current
10nA
n
Low input offset current
200pA
n
Low guaranteed V
OS
4mV
n
Propagation delay
880ns (20mV overdrive)
n
Input common mode voltage range
0.1V beyond rails
n
LMV7272 is available in micro SMD package
Applications
n
Mobile communications
n
Laptops and PDA’s
n
Battery powered electronics
n
General purpose low voltage applications
Typical Circuit
Part Number Single/Dual
Package
Output
LMV7271
Single
SC70,
SOT23
Push/Pull
LMV7272
Dual
micro SMD
Push/Pull
LMV7275
Single
SC70,
SOT23
Open Drain
20064024
FIGURE 1. Threshold Detector
September 2003
© 2003 National Semiconductor Corporation
DS200640
www.national.com


Similar Part No. - LMV7271MFX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7271MFX NSC-LMV7271MFX Datasheet
939Kb / 18P
Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
Texas Instruments
LMV7271MFX TI1-LMV7271MFX Datasheet
1Mb / 35P
Single and Dual, 1.8-V Low Power Comparators With Rail-to-Rail Input
LMV7271MFX/NOPB TI1-LMV7271MFX/NOPB Datasheet
1Mb / 29P
Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
LMV7271MFX/NOPB TI2-LMV7271MFX/NOPB Datasheet
1Mb / 37P
LMV727x Single and Dual, 1.8-V Low Power Comparators With Rail-to-Rail Input
REVISED SEPTEMBER 2015
LMV7271MFX/NOPB.A TI2-LMV7271MFX/NOPB.A Datasheet
1Mb / 37P
LMV727x Single and Dual, 1.8-V Low Power Comparators With Rail-to-Rail Input
REVISED SEPTEMBER 2015
More results

Similar Description - LMV7271MFX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7251 NSC-LMV7251 Datasheet
221Kb / 11P
1.8V Low Voltage Comparator with Rail-to-Rail Input
logo
STMicroelectronics
TS1871 STMICROELECTRONICS-TS1871 Datasheet
73Kb / 10P
1.8V, INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
Mar-2000
logo
National Semiconductor ...
LMV7291 NSC-LMV7291 Datasheet
400Kb / 14P
Single 1.8V Low Power Comparator with Rail-to-Rail Input
logo
STMicroelectronics
TS3022 STMICROELECTRONICS-TS3022 Datasheet
27Kb / 1P
Rail-to-Rail 1.8V High-Speed Micropower Comparators
Jan-2005
TS1851 STMICROELECTRONICS-TS1851_07 Datasheet
342Kb / 25P
1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
22-May-2007
logo
National Semiconductor ...
LMV7271 NSC-LMV7271_08 Datasheet
939Kb / 18P
Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
Linear Technology
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
logo
Texas Instruments
LMV7272TL-NOPB TI1-LMV7272TL-NOPB Datasheet
1Mb / 29P
Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
LMV7291 TI1-LMV7291 Datasheet
1Mb / 23P
Single 1.8V Low Power Comparator with Rail-to-Rail Input
LMV7271 TI1-LMV7271_15 Datasheet
1Mb / 35P
Single and Dual, 1.8-V Low Power Comparators With Rail-to-Rail Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com