Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS22T Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # SS22T
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

SS22T Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  SS22T Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. SS22T Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS22T THRU SS220T
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25 C ambient temperature unless otherwise specified ,Single phase ,half wave ,resistive or inductive
load. For capacitive load,derate by 20%.)
°
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 200 Volts
Forward Current - 2.0Amperes
FEATURES
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
Metal silicon junction ,majority carrier conduction
Guard ring for overvoltage protection
Built-in strain relief
For surface mounted applications
Low profile package
Low power loss ,high efficiency
High current capability ,Low forward voltage drop
High surge capability
For use in low voltage ,high frequency inverters, free wheeling ,
and polarity protection applications
High temperature soldering guaranteed:260 C/10 seconds at terminals
Component in accordance to RoHS 2011 65 EU
°
//
R
SEMICONDUCT OR
Notes: 1.Pulse test: 300 s pulse width,1% duty cycle
2. P.C.B. mounted with 0.2 X 0.2"(5.0 X 5.0mm)copper pad areas
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
21
-
Maximum repetitive peak reverse voltage
VRRM
Volts
Volts
Volts
Volts
m
A
Amps
Amps
VRMS
VDC
I(AV)
IFSM
TSTG
VF
IR
TJ
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
Maximum instantaneous forward voltage
at 2.0 A(Note 1 )
Typical thermal
(Note 2)
resistance
Operating junction temperature range
Storage temperature range
Maximum instantaneous reverse
current at rated DC blocking
voltage(Note 1)
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
2.0
50.0
-55 to+150
28 0
.
100
50
.
0.55
0.70
20
14
20
30
21
30
40
28
40
60
42
60
100
71
100
SS
22T
SS
23T
SS
24T
SS
26T
SS
210T
Symbols
Units
150
105
150
200
140
200
SS
215T
SS
220T
085
.
0.95
0.90
-55 to+150
-
20
-
30
.
115 0
.
T =25 C
A
°
T =100 C
A
°
T =125 C
A
°
RθJA
RθJL
°C/W
°C
°C
A
μ
SMAFL
Dimensions in inches and (millimeters)
0.057(1.45 )
0.053(1.35)
0.008(0.20)
MAX
5
°
0.106(2.7 )
0.102(2.6)
0.171(4.35 )
0.167(4.25)
0.212(5.4)
0.205(5.2)
0.042(1.08)
0.040(1.02)
0.020(0.5)
0.041(1.05)
JF
Case: SMAFL(DO-214AC) molded plastic body
TerMINals: Solder Plated, solderable per MIL-STD-750,method 2026
Polarity: Color band denotes cathode end


Similar Part No. - SS22T

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SS22T DYELEC-SS22T Datasheet
1Mb / 2P
Schottky Brrier Chip
logo
ON Semiconductor
SS22T3 ONSEMI-SS22T3 Datasheet
64Kb / 6P
Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
SS22T3 ONSEMI-SS22T3 Datasheet
69Kb / 5P
Surface Mount Schottky Power Rectifier
December, 2006 ??Rev. 3
SS22T3G ONSEMI-SS22T3G Datasheet
69Kb / 5P
Surface Mount Schottky Power Rectifier
December, 2006 ??Rev. 3
SS22T3G ONSEMI-SS22T3G Datasheet
77Kb / 5P
Surface Mount Schottky Power Rectifier
July, 2015 ??Rev. 5
More results

Similar Description - SS22T

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com