Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9550 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9550
Description  2-bit I2C LED driver with programmable blink rates
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9550 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9550 Datasheet HTML 1Page - NXP Semiconductors PCA9550 Datasheet HTML 2Page - NXP Semiconductors PCA9550 Datasheet HTML 3Page - NXP Semiconductors PCA9550 Datasheet HTML 4Page - NXP Semiconductors PCA9550 Datasheet HTML 5Page - NXP Semiconductors PCA9550 Datasheet HTML 6Page - NXP Semiconductors PCA9550 Datasheet HTML 7Page - NXP Semiconductors PCA9550 Datasheet HTML 8Page - NXP Semiconductors PCA9550 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Philips Semiconductors
Product data
PCA9550
2-bit I2C LED driver with
programmable blink rates
2
2003 May 02
FEATURES
• 2 LED drivers (on, off, flashing at a programmable rate)
• 2 selectable, fully programmable blink rates (frequency and duty
cycle) between 0.15625 and 40 Hz (6.4 and 0.025 seconds)
• Input/output not used as LED drivers can be used as regular
GPIOs
• Internal oscillator requires no external components
• I2C-bus interface logic compatible with SMBus
• Internal power-on reset
• Noise filter on SCL/SDA inputs
• Active-LOW reset input
• 2 open drain outputs directly drive LEDs to 25 mA
• Controlled edge rates to minimize ground bounce
• No glitch on power-up
• Supports hot insertion
• Low stand-by current
• Operating power supply voltage range of 2.3 V to 5.5 V
• 0 to 400 kHz clock frequency
• ESD protection exceeds 2000 V HBM per JESD22-A114,
150 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101
• Latch-up testing is done to JEDEC Standard JESD78 which
exceeds 100 mA
• Packages offered: SO8, TSSOP8
DESCRIPTION
The PCA9550 LED Blinker blinks LEDs in I2C-bus and SMBus
applications where it is necessary to limit bus traffic or free up the
I2C Master’s (MCU, MPU, DSP, chipset, etc.) timer. The uniqueness
of this device is the internal oscillator with two programmable blink
rates. To blink LEDs using normal I/O Expanders like the PCF8574
or PCA9554, the bus master must send repeated commands to turn
the LED on and off. This greatly increases the amount of traffic on
the I2C-bus and uses up one of the master’s timers. The PCA9550
LED Blinker instead requires only the initial set up command to
program BLINK RATE 1 and BLINK RATE 2 (i.e., the frequency and
duty cycle). From then on, only one command from the bus master
is required to turn each individual open drain output ON, OFF, or to
cycle at BLINK RATE 1 or BLINK RATE 2. Maximum output sink
current is 25 mA per bit and 50 mA per package.
Any bits not used for controlling the LEDs can be used for General
Purpose Parallel Input/Output (GPIO) expansion.
The active-LOW hardware reset pin (RESET) and Power On Reset
(POR) initializes the registers to their default state, all zeroes,
causing the bits to be set HIGH (LED off).
One hardware address pin on the PCA9550 allows two devices to
operate on the same bus.
PIN CONFIGURATION
1
2
3
45
6
7
8
A0
LED0
LED1
VSS
VDD
SDA
SCL
RESET
SW00926
Figure 1. Pin configuration
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1
A0
Address input 0
2
LED0
LED driver 0
3
LED1
LED driver 1
4
VSS
Supply ground
5
RESET
Active-LOW reset input
6
SCL
Serial clock line
7
SDA
Serial data line
8
VDD
Supply voltage
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
TOPSIDE MARK
DRAWING NUMBER
8-Pin Plastic SO
-40 to +85
°C
PCA9550D
PCA9550
SOT96-1
8-Pin Plastic TSSOP
-40 to +85
°C
PCA9550DP
9550
SOT505-1
Standard packing quantities and other packaging data is available at www.philipslogic.com/packaging.
I2C is a trademark of Philips Semiconductors Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com