Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEB-20FD64 Datasheet(PDF) 2 Page - CUI INC

Part # CEB-20FD64
Description  piezo electric diaphragm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CEB-20FD64 Datasheet(HTML) 2 Page - CUI INC

  CEB-20FD64 Datasheet HTML 1Page - CUI INC CEB-20FD64 Datasheet HTML 2Page - CUI INC CEB-20FD64 Datasheet HTML 3Page - CUI INC CEB-20FD64 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Part No: CEB-20FD64
Description: piezo electric diaphragm
Phone: 800.275.4899
Fax: 503.612.2381
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062
Date: 6/25/2007
Unit: mm
Page No: 2 of 4
Mechanical Characteristics
Item
Test Condition
Solderability
Stripped wires of lead wires are immersed in
rosin for 5 seconds and then immersed in
solder bath of 270 ±5°C for 3 ±0.5 seconds.
Lead Wire Pull Strength
The horizontal force of 3.0N (0.306kg) should
be applied to the double lead wire for 30 sec.
Vibration
The diaphragm should be measured after
applying a vibration amplitude of 1.5 mm with
10 to 55 Hz band of vibration frequency to each
of the 3 perpendicular directions for 2 hours.
Evaluation Standard
90% min. of the stripped wires
will be wet with solder.
(Except the edge of the terminal)
No damage or cutting off.
The value of the resonant
frequency should be ±10% of the
initial measurements.
Electrostatic capacitance should
be ±20% compared with the initial
measurement. The resonant
impedance should be 2000Ω
max.
Measuring Methods
1) Resonant frequency / Resonant impedance
The piezo electric diaphragm should be clamped at a node point (as shown in the following figure) to be free from any
mechanical stress. Measure its resonant frequency and resonant impedance by using a vector impedance analyzer or
equivalent.
When the input frequency is swept within 100 Hz to 9 KHz, the resonant frequency is defined as the frequency where
the impedance shows minimum value. This impedance should be the resonant impedance.
2) Static capacitance
The electrostatic capacitance should be measured at 1 KHz by using an L.C.R. meter (ex. HP4194A(H.P.)) or
equivalent. The part should be clamped in the same way as the measurement or resonant frequency / resonant
impedance mentioned above.
For more information, please visit the product page.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com