Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLS0281MP Datasheet(PDF) 1 Page - CUI INC

Part # CLS0281MP
Description  LOW PROFILE SPEAKER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CLS0281MP Datasheet(HTML) 1 Page - CUI INC

  CLS0281MP Datasheet HTML 1Page - CUI INC CLS0281MP Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part No: CLS0281MP
Description: speaker
Phone: 800.275.4899
Fax: 503.612.2383
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062
Date: 7/03/2007
Unit: mm
Page No: 1 of 2
Frequency Response Curve
Potentiometer range
50 dB
Rectifier
RMS
Lower limit frequency
20 Hz
Wr. speed
100 mm/sec
Zero level 60 dB
Specifications
Nominal Size
28 mm
Impedance
8 Ohm ± 15%
at
1.5 KHz 1 V
Resonant frequency
850 Hz ± 150 Hz
at
1 V
Sound pressure level
82 dB/w ± 3 dB
0.2 w 50 cm ave. at 1.2K, 1.5K, 2K, 2.5K Hz
Response
Fo Hz ~ 6 KHz max 10 dB
Input power
Nominal
0.2 W
Handling capacity
0.3 W
Operation
must be normal at program source 0.2 W
Buzz, rattle, etc.
must be normal at sine wave 1.26 V
Magnet
Size: 9.5 x 1.5 mm
Load test
White noise
0.2 W
for
5 hours
Heat test
65 ± 2° C
20-50% R.H.
5 hours
Humidity test
40 ± 2° C
90-95% R.H.
5 hours
For more information, please visit the product page.


Similar Part No. - CLS0281MP

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CLS0281MP CUID-CLS0281MP Datasheet
662Kb / 3P
SPEAKER
08/05/2022
More results

Similar Description - CLS0281MP

ManufacturerPart #DatasheetDescription
logo
CUI INC
CLS0231-L152 CUI-CLS0231-L152 Datasheet
202Kb / 2P
LOW PROFILE SPEAKER
CLS0261MAE-L152 CUI-CLS0261MAE-L152 Datasheet
819Kb / 2P
LOW PROFILE SPEAKER
CLS0301MP-1 CUI-CLS0301MP-1 Datasheet
140Kb / 2P
LOW PROFILE SPEAKER
CLS0362MA-1-L152 CUI-CLS0362MA-1-L152 Datasheet
353Kb / 2P
LOW PROFILE SPEAKER
CLS0402MA-1-L152 CUI-CLS0402MA-1-L152 Datasheet
380Kb / 2P
LOW PROFILE SPEAKER
CLS0501M CUI-CLS0501M Datasheet
345Kb / 2P
LOW PROFILE SPEAKER
CLS0361 CUI-CLS0361 Datasheet
198Kb / 2P
LOW PROFILE SPEAKER
CLS0201MA CUI-CLS0201MA Datasheet
785Kb / 2P
LOW PROFILE SPEAKER
CLS0301 CUI-CLS0301 Datasheet
350Kb / 2P
LOW PROFILE SPEAKER
CLS0571M-L152 CUI-CLS0571M-L152 Datasheet
176Kb / 2P
LOW PROFILE SPEAKER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com