Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSK-S30 Datasheet(PDF) 1 Page - CUI INC

Part # FSK-S30
Description  AC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

FSK-S30 Datasheet(HTML) 1 Page - CUI INC

  FSK-S30 Datasheet HTML 1Page - CUI INC FSK-S30 Datasheet HTML 2Page - CUI INC FSK-S30 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
page
date
DESCRIPTION: ac-dc converter
1 of 3
04/2010
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
SERIES: FSK-S30
features
·encapsulated compact case
·high efficiency
·universal input
·board mounting technology
·built in EMI filter
·100kHz fixed frequency
·fixed output voltage
·thermal shutdown
·short circuit protection
·low output ripple and noise
·isolated output
·2 year warranty
model
input
output
power
ripple & noise
efficiency
number
voltage
voltage
max.
max.
(%)
FSK-S30-3R3U
AC 85-264V / DC 110-340V
3.3V @ 6.0A
19.8 W
80 mVp-p
68
FSK-S30-5U
AC 85-264V / DC 110-340V
5V @ 6.0A
30 W
80 mVp-p
78
FSK-S30-12U
AC 85-264V / DC 110-340V
12V @ 2.5A
30 W
120 mVp-p
83
FSK-S30-15U
AC 85-264V / DC 110-340V
15V @ 2.0A
30 W
150 mVp-p
83
FSK-S30-24U
AC 85-264V / DC 110-340V
24V @ 1.25A
30 W
200 mVp-p
86
INPUT
parameter
conditions/description
min
nom
max
units
input frequency
47
(50~60)
440
Hz
input voltage
85
264
VAC
110
340
VDC
input current
AC input of 110 VAC
0.49
A
AC input of 220 VAC
0.25
A
inrush current
measured at 110 VAC at full load, cold start
30
A
measured at 220 VAC at full load, cold start
60
A
leakage current
measured at 110 VAC
0.5
mA
measured at 220 VAC
0.75
mA
OUTPUT
parameter
conditions/description
min
nom
max
units
voltage tolerance
-2%
+2%
(single and uncomplimentary dual)
-3%
+3%
(complementary dual)
ripple and noise
-1%
+1%
line regulation
-1%
+1%
load regulation
-1%
+1%
dynamic load regulation
-3%
+3%
temperature drift
-1%
+1%
rise time
400
ms
hold-up time
10
ms
For more information, please visit the product page.


Similar Part No. - FSK-S30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FSK-S30 ETC1-FSK-S30 Datasheet
101Kb / 2P
FSK-S30 SERIES AC-DC CONVERTER
FSK-S30-12U ETC1-FSK-S30-12U Datasheet
101Kb / 2P
FSK-S30 SERIES AC-DC CONVERTER
FSK-S30-15U ETC1-FSK-S30-15U Datasheet
101Kb / 2P
FSK-S30 SERIES AC-DC CONVERTER
FSK-S30-24U ETC1-FSK-S30-24U Datasheet
101Kb / 2P
FSK-S30 SERIES AC-DC CONVERTER
FSK-S30-3R3U ETC1-FSK-S30-3R3U Datasheet
101Kb / 2P
FSK-S30 SERIES AC-DC CONVERTER
More results

Similar Description - FSK-S30

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
AC/DC converter
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
ac-dc converter
logo
Rohm
BP5716 ROHM-BP5716 Datasheet
509Kb / 4P
AC/DC converter
BP5081B15 ROHM-BP5081B15 Datasheet
497Kb / 3P
AC/DC converter
logo
MORNSUN Science& Techno...
LH25-10B18 MORNSUN-LH25-10B18 Datasheet
253Kb / 2P
AC-DC CONVERTER
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
AC-DC / DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com