Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3004 Datasheet(PDF) 39 Page - Texas Instruments

Part # TAS3004
Description  Digital Audio Processor With Codec
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3004 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS3004 Datasheet HTML 35Page - Texas Instruments TAS3004 Datasheet HTML 36Page - Texas Instruments TAS3004 Datasheet HTML 37Page - Texas Instruments TAS3004 Datasheet HTML 38Page - Texas Instruments TAS3004 Datasheet HTML 39Page - Texas Instruments TAS3004 Datasheet HTML 40Page - Texas Instruments TAS3004 Datasheet HTML 41Page - Texas Instruments TAS3004 Datasheet HTML 42Page - Texas Instruments TAS3004 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
5–1
5 Filter Processor
5.1
Biquad Block
The biquad block consists of seven digital biquad filters per channel organized in a cascade structure, as shown in
Figure 5–1. Each of these biquad filters has five downloadable 24-bit (4.20) coefficients. Each stereo channel has
independent coefficients.
Biquad 2 ...
Biquad 1
Biquad N
Figure 5–1. Biquad Cascade Configuration
5.1.1
Filter Coefficients
The filter coefficients for the TAS3004 device are downloaded through the I2C port and loaded into the biquad memory
space. Each biquad filter memory space has an independent address. Digital audio data coming into the device is
processed by the biquad block and then converted into analog waveforms by the DAC. Alternately, filters can be
loaded by asserting terminals on the GPI port.
5.1.2
Biquad Structure
The biquad structure that is used for the parametric equalization filters is as follows:
H(z)
+
b
0 )
b
1
z*1
) b
2
z*2
a
0 )
a
1
z*1
) a
2
z*2
NOTE: a0 is fixed at value 1 and is not downloadable.
The coefficients for these filters are represented in 4.20 format—4 bits for the integer part and 20 bits for the fractional
part. In order to transmit them over I2C, it is necessary to separate each coefficient into three bytes. The upper 4 bits
of byte 2 is the integer part, and the second nibble of byte 2, byte 1, and byte 0 are the fractional parts.
The filters can be designed using the automatic loudspeaker equalization program (ALE) or a script running under
MatLab named Filtermaker. Both of these tools are available from Texas Instruments.
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com