Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP372 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP372
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP372 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP372 Datasheet HTML 1Page - Toshiba Semiconductor TLP372 Datasheet HTML 2Page - Toshiba Semiconductor TLP372 Datasheet HTML 3Page - Toshiba Semiconductor TLP372 Datasheet HTML 4Page - Toshiba Semiconductor TLP372 Datasheet HTML 5Page - Toshiba Semiconductor TLP372 Datasheet HTML 6Page - Toshiba Semiconductor TLP372 Datasheet HTML 7Page - Toshiba Semiconductor TLP372 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLP371,TLP372
2002-09-25
2
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
60
mA
Forward current derating (Ta ≥ 39°C)
∆IF / °C
-0.7
mA / °C
Peak forward current (100µs pulse, 100pps)
IFP
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Collector
-emitter voltage
VCEO
300
V
Collector
-base voltage (TLP371)
VCBO
300
V
Emitter
-collector voltage
VECO
0.3
V
Emitter
-base voltage (TLP371)
VEBO
7
V
Collector current
IC
150
mA
Power dissipation
PC
300
mW
Power dissipation derating (Ta ≥ 25°C)
∆PC / °C
-3.0
mW / °C
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
-55~125
°C
Operating temperature range
Topr
-55~100
°C
Lead soldering temperature (10 s)
Tsold
260
°C
Total package power dissipation
PT
350
mW
Total package power dissipation derating (Ta ≥ 25°C)
∆PT / °C
-3.5
mW / °C
Isolation voltage (AC, 1min., R.H. ≤ 60%)
(Note 1)
BVS
5000
Vrms
(Note 1): Device considered a two terminal device: Pins 1, 2 and 3 shorted together and pins 4,5 and 6 shorted
together.
Recommended Operating Conditions
Characteristic
Symbol
Min
Typ.
Max
Unit
Supply voltage
VCC
―
―
200
V
Forward current
IF
―
16
25
mA
Collector current
IC
―
―
120
mA
Operating temperature
Topr
-25
―
85
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com