Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GA0776 Datasheet(PDF) 2 Page - CUI INC

Part # GA0776
Description  SPEAKER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

GA0776 Datasheet(HTML) 2 Page - CUI INC

  GA0776 Datasheet HTML 1Page - CUI INC GA0776 Datasheet HTML 2Page - CUI INC GA0776 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ MODEL: GA0776 │ DESCRIPTION: SPEAKER
date 06/25/2014
│ page 2 of 3
MECHANICAL DRAWING
units: mm
tolderance: ±0.8mm
70.00
3.00
60.50
(TYP)
85.50
22.00
25.00
13.00
77.00
4.6X8.0
(4 PLCS)
+
-
For more information, please visit the product page.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com