Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF0876 Datasheet(PDF) 1 Page - CUI INC

Part # GF0876
Description  SPEAKER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

GF0876 Datasheet(HTML) 1 Page - CUI INC

  GF0876 Datasheet HTML 1Page - CUI INC GF0876 Datasheet HTML 2Page - CUI INC GF0876 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date
05/16/2013
page
1 of 3
cui.com
MODEL:
GF0876 │ DESCRIPTION: SPEAKER
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
nominal size
87
mm
impedance
at 0.8 kHz, 1 V
6.8
8
9.2
Ω
resonant frequency
at 1 V
232
290
348
Hz
sound pressure level
1 W, 50 cm ave., at 1, 1.4, 1.7, 2 kHz
96
99
102
dB
response
10 dB max.
Fo
18,000
Hz
input power
23
W
operation
must be normal at program source
2
W
buzz, rattle, etc.
must be normal at sine wave
4
Vdc
magnet
size: 45 x 22 x 8
mm
operating temperature
-25
70
°C
storage temperature
-40
80
°C
load test
24 hours of white noise
2
W
heat test
20 ~ 50% RH for 24 hours
68
70
72
°C
humidity test
90 ~ 95% RH for 24 hours
38
40
42
°C
RoHS
yes
RoHS
FREQUENCY RESPONSE CURVE
parameter
conditions/description
potentiometer range
50 dB
rectifier
RMS
lower limit frequency
20 Hz
wr. speed
100 mm/sec
zero level
70 dB
For more information, please visit the product page.


Similar Part No. - GF0876

ManufacturerPart #DatasheetDescription
logo
CUI Devices
GF0876 CUID-GF0876 Datasheet
374Kb / 3P
SPEAKER
08/05/2022
logo
CUI INC
GF0876M CUI-GF0876M Datasheet
266Kb / 2P
Square frame paper cone - ferrite magnet
logo
CUI Devices
GF0876M CUID-GF0876M Datasheet
642Kb / 3P
SPEAKER
08/05/2022
More results

Similar Description - GF0876

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS0361KLX CUI-CMS0361KLX Datasheet
224Kb / 2P
speaker
logo
Projects Unlimited, Inc...
ADS02908MR-R PUI-ADS02908MR-R Datasheet
290Kb / 1P
Speaker
AS01708MR-SC-R PUI-AS01708MR-SC-R Datasheet
243Kb / 1P
Speaker
AS01808MR-R PUI-AS01808MR-R Datasheet
251Kb / 1P
Speaker
AS02508CO-2-WR-R PUI-AS02508CO-2-WR-R Datasheet
278Kb / 1P
Speaker
AS02804MR-R PUI-AS02804MR-R Datasheet
265Kb / 1P
Speaker
AS03008MR-R PUI-AS03008MR-R Datasheet
313Kb / 1P
Speaker
AS03508CO-7-R PUI-AS03508CO-7-R Datasheet
235Kb / 1P
Speaker
logo
Canopus Electronics (H....
CLS2811 CANOPUS-CLS2811 Datasheet
784Kb / 1P
Loud Speaker & Notebook Speaker
logo
Bel Fuse Inc.
CLS0201MA-L152 BEL-CLS0201MA-L152 Datasheet
186Kb / 2P
SPEAKER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com