Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C686A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VT82C686A
Description  PCI SUPER-I/O INTEGRATED PERIPHERAL CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C686A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VT82C686A Datasheet HTML 1Page - List of Unclassifed Manufacturers VT82C686A Datasheet HTML 2Page - List of Unclassifed Manufacturers VT82C686A Datasheet HTML 3Page - List of Unclassifed Manufacturers VT82C686A Datasheet HTML 4Page - List of Unclassifed Manufacturers VT82C686A Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VT82C686A
Revision 1.1 April 15, 1999
-2-
Features
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
• UltraDMA-33 / 66 Master Mode PCI EIDE Controller
− Dual channel master mode PCI supporting four Enhanced IDE devices
− Transfer rate up to 33MB/sec to cover PIO mode 4, multi-word DMA mode 2 drives, and UltraDMA-33 interface
− Increased reliability using UltraDMA-66 transfer protocols
− Thirty-two levels (doublewords) of prefetch and write buffers
− Dual DMA engine for concurrent dual channel operation
− Bus master programming interface for SFF-8038i rev.1.0 and Windows-95 compliant
− Full scatter gather capability
− Support ATAPI compliant devices including DVD devices
− Support PCI native and ATA compatibility modes
− Complete software driver support
• Integrated Super IO Controller
− Supports 2 serial ports, IR port, parallel port, and floppy disk controller functions
− Two UARTs for Complete Serial Ports
Programmable character lengths (5,6,7,8)
Even, odd, stick or no parity bit generation and detection
Programmable baud rate generator
High speed baud rate (230Kbps, 460Kbps) support
Independent transmit/receiver FIFOs
Modem Control
Plug and play with 96 base IO address and 12 IRQ options
− One dedicated IR port
Third serial port dedicated to IR function
IR function either through the two complete serial ports or the third dedicated port
Infrared-IrDA (HPSIR) and ASK (Amplitude Shift Keyed) IR
− Multi-mode parallel port
Standard mode, ECP and EPP support
Plug and play with 192 base IO address, 12 IRQ and 4 DMA options
− Floppy Disk Controller
16 bytes of FIFO
Data rates up to 1Mbps
Perpendicular recording driver support
Two FDDs with drive swap support
Plug and play with 48 base IO address, 12 IRQ and 4 DMA options
• SoundBlaster Pro Hardware and Direct Sound Ready AC97 Digital Audio Controller
− Dual full-duplex Direct Sound channels between system memory and AC97 link
− PCI master interface with scatter / gather and bursting capability
− 32 byte FIFO of each direct sound channel
− Host based sample rate converter and mixer
− Standard v1.0 or v2.0 AC97 Codec interface for single or cascaded AC97 Codec’s from multiple vendors
− Loopback capability for re-directing mixed audio streams into USB and 1394 speakers
− Hardware SoundBlaster Pro for Windows DOS box and real-mode DOS legacy compatibility
− Plug and play with 4 IRQ, 4 DMA, and 4 I/O space options for SoundBlaster Pro and MIDI hardware
− Hardware assisted FM synthesis for legacy compatibility
− Direct two game ports and one MIDI port interface
− Complete software driver support for Windows-95, Windows-98 and Windows-NT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com