Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-30 Datasheet(PDF) 1 Page - CUI INC

Part # PD-30
Description  3-PIN POWER DIN JACK, RIGHT ANGLE, NO SHIELDING
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PD-30 Datasheet(HTML) 1 Page - CUI INC

  PD-30 Datasheet HTML 1Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
11.5 0.453
14.65 0.577
5.5 0.217
7.5 0.295
5.0 0.197
5.0 0.197
1.1 0.043
1.7 0.067
(2 PLCS)
6.0 0.236
7.0 0.276
5.0 0.197
6.0 0.236
5.5 0.217
7.5 0.295
(TYP)
11.5 0.453
14.65 0.577
(TYP)
9.0 0.354
PCB LAYOUT
2
3
2.2X1.0
0.6X2.7
1
(2 PLCS)
TOP VIEW
REV.
DESCRIPTION
DATE
A
NEW DRAWING
11/19/2008
B
update to tolerance
9/8/2009
Website: www.cui.com
CONTACT RESISTANCE: 30m OHMS MAX
TOLERANCE:
±0.2mm UNLESS OTHERWISE
WITHDRAWAL FORCE: 0.5 - 6.0KG
VOLTAGE WITHSTAND: 250V AC R.M.S. FOR 1 MINUTE
TERMINALS 2-3
B
MATERIAL
TERMINAL 1
EARTH TERMINAL
INSERTION FORCE: 6.0KG MAX
Phosphor Bronze
RoHS
SPECIFIED
Tin
Brass
INSULATION RESISTANCE: 50M OHMS MIN: 250V DC
Tin
HOUSING
PLATING
PBT
LIFE: 1,000 CYCLES
Tin
SPECIFICATIONS:
RATING: 20V DC@ 7.5A
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
Brass
PART NO.
UNITS:
SCALE:
ZRJ
3:1
NO SHIELDING
COPYRIGHT 2008 BY CUI INC.
TITLE:
MM [INCHES]
PD-30
PD-30
PC FILE NAME:
APPROVED BY:
DRAWN BY:
3-PIN POWER DIN JACK, RIGHT ANGLE,
REV:
3
1
2
14.9
14.0 0.551
0.591
15.0
(TYP)
0.138
0.512
13.0
0.587
3.5
1.8 0.071
0.157
17.0
4.0
3.0 0.118
0.669
2.0 0.079
(TYP)
For more information, please visit the product page.


Similar Part No. - PD-30

ManufacturerPart #DatasheetDescription
logo
CUI Devices
PD-30 CUID-PD-30 Datasheet
354Kb / 3P
POWER DIN JACK
02/17/2022
logo
Merrimac Industries, In...
PD-30-150 MERRIMAC-PD-30-150 Datasheet
54Kb / 1P
0 POWER DIVIDER / COMBINER
logo
CUI INC
PD-30S CUI-PD-30S Datasheet
31Kb / 1P
3-PIN POWER DIN JACK, RIGHT ANGLE, WITH SHIELDING
logo
CUI Devices
PD-30S CUID-PD-30S Datasheet
345Kb / 3P
POWER DIN JACK
02/18/2022
More results

Similar Description - PD-30

ManufacturerPart #DatasheetDescription
logo
CUI INC
PD-40 CUI-PD-40 Datasheet
26Kb / 1P
4-PIN POWER DIN JACK, RIGHT ANGLE, NOSHIELDING
logo
Adam Technologies, Inc.
MDJ-004-FS-PG4 ADAM-TECH-MDJ-004-FS-PG4 Datasheet
84Kb / 1P
MINI DIN JACK RIGHT ANGLE
MDJ-4P ADAM-TECH-MDJ-4P Datasheet
78Kb / 1P
MINI DIN JACK RIGHT ANGLE
MDJ-006-FS-SL-HT ADAM-TECH-MDJ-006-FS-SL-HT Datasheet
84Kb / 1P
MINI DIN JACK RIGHT ANGLE
MDJ-009 ADAM-TECH-MDJ-009 Datasheet
109Kb / 1P
MINI DIN JACK RIGHT ANGLE
MDJ-009-FS ADAM-TECH-MDJ-009-FS Datasheet
95Kb / 1P
MINI DIN JACK RIGHT ANGLE
MDJ-009-S ADAM-TECH-MDJ-009-S Datasheet
85Kb / 1P
MINI DIN JACK RIGHT ANGLE
MDJ-010-FS-PG4 ADAM-TECH-MDJ-010-FS-PG4 Datasheet
83Kb / 1P
MINI DIN JACK RIGHT ANGLE
MDJ-H-4P ADAM-TECH-MDJ-H-4P Datasheet
78Kb / 1P
MINI DIN JACK RIGHT ANGLE
logo
CUI INC
PD-30S CUI-PD-30S Datasheet
31Kb / 1P
3-PIN POWER DIN JACK, RIGHT ANGLE, WITH SHIELDING
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com