Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD Datasheet(PDF) 3 Page - CUI INC

Part # SD
Description  STANDARD DIN CONNECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SD Datasheet(HTML) 3 Page - CUI INC

  SD Datasheet HTML 1Page - CUI INC SD Datasheet HTML 2Page - CUI INC SD Datasheet HTML 3Page - CUI INC SD Datasheet HTML 4Page - CUI INC SD Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
date
04/12/2012 │ page 3 of 5
CUI Inc
│ SERIES: SD │ DESCRIPTION: STANDARD DIN CONNECTOR
45°
0.9 0.035
2.00 0.079
41°
6.5 0.256
0.3
0.059
(8 PLCS)
1.5
16.0
0.3
0.630
13.2 0.520
8.3 0.327
59.0 2.323
1.0
8.8 0.35
50.1 1.97
9.2 0.36
15.9 0.63
13.2 0.52
2.5
0.10
4.5
2.5 0.10
0.30
7.5
0.10
2.5
0.18
0.78 0.03
0.02
(13 PLCS)
units: mm[inches]
TOLERANCE: ±0.1mm
SD-81
SD-130
For more information, please visit the product page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com