Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UA78M08CDCY Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UA78M08CDCY
Description  POSITIVE-VOLTAGE REGULATORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA78M08CDCY Datasheet(HTML) 4 Page - Texas Instruments

  UA78M08CDCY Datasheet HTML 1Page - Texas Instruments UA78M08CDCY Datasheet HTML 2Page - Texas Instruments UA78M08CDCY Datasheet HTML 3Page - Texas Instruments UA78M08CDCY Datasheet HTML 4Page - Texas Instruments UA78M08CDCY Datasheet HTML 5Page - Texas Instruments UA78M08CDCY Datasheet HTML 6Page - Texas Instruments UA78M08CDCY Datasheet HTML 7Page - Texas Instruments UA78M08CDCY Datasheet HTML 8Page - Texas Instruments UA78M08CDCY Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
The
µA78M10 and µA78M15 are
obsolete and are no longer supplied
µA78M00 SERIES
POSITIVE-VOLTAGE REGULATORS
SLVS059K – JUNE 1976 – REVISED FEBRUARY 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over virtual junction temperature range (unless otherwise noted)†
Input voltage, VI
35 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 1 and 2): DCY package
53
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . .
(see Notes 1 and 3): KC/KCS package
25
°C/W
. . . . . . . . . . . . . . . . . . . . . .
(see Notes 1 and 3): KTP package
28
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) – TA)/θJA. Selecting the maximum of 150°C can affect reliability.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
3. The package thermal impedance is calculated in accordance with JESD 51-5.
recommended operating conditions
MIN
MAX
UNIT
µA78M33
5.3
25
µA78M05
7
25
µA78M06
8
25
V
VI
Input voltage
µA78M08
10.5
25
VI
Input voltage
µA78M09
11.5
26
µA78M10
12.5
28
V
µA78M12
14.5
30
V
µA78M15
17.5
30
V
IO
Output current
500
mA
TJ
Operating virtual junction temperature
0
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com