Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD-80 Datasheet(PDF) 2 Page - CUI INC

Part # SD-80
Description  STANDARD DIN CONNECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SD-80 Datasheet(HTML) 2 Page - CUI INC

  SD-80 Datasheet HTML 1Page - CUI INC SD-80 Datasheet HTML 2Page - CUI INC SD-80 Datasheet HTML 3Page - CUI INC SD-80 Datasheet HTML 4Page - CUI INC SD-80 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date
04/12/2012 │ page 2 of 5
CUI Inc
│ SERIES: SD │ DESCRIPTION: STANDARD DIN CONNECTOR
0.9 0.035
2.0 0.079
9.0 0.354
50.6 1.992
0.2
6.5 0.256
0.15
0.059
1.5
(TYP)
0.622
15.8
13.1 0.516
0.15
MECHANICAL DRAWINGS
units: mm[inches]
TOLERANCE: ±0.1mm
MATERIAL
PLATING
contact pins (30~80)
brass
nickel
contact pins (81, 130)
brass
silver
shell
steel
nickel
insulator (30~80, 130)
PBT
insulator (81)
ABS
boot
EVA
60°
45°
0.9
45°
60°
72°
90°
SD-30
SD-50
SD-51
SD-60
SD-70
SD-80
SD-40
For more information, please visit the product page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com