Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6402 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N6402
Description  Silicon Controlled Rectifiers Reverse Blocking Thyristors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6402 Datasheet(HTML) 2 Page - ON Semiconductor

  2N6402 Datasheet HTML 1Page - ON Semiconductor 2N6402 Datasheet HTML 2Page - ON Semiconductor 2N6402 Datasheet HTML 3Page - ON Semiconductor 2N6402 Datasheet HTML 4Page - ON Semiconductor 2N6402 Datasheet HTML 5Page - ON Semiconductor 2N6402 Datasheet HTML 6Page - ON Semiconductor 2N6402 Datasheet HTML 7Page - ON Semiconductor 2N6402 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2N6400 Series
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
RθJC
1.5
°C/W
Maximum Lead Temperature for Soldering Purposes 1/8
″ from Case for 10 Seconds
TL
260
°C
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
*Peak Repetitive Forward or Reverse Blocking Current
(VAK = Rated VDRM or VRRM, Gate Open)
TJ = 25°C
TJ = 125°C
IDRM, IRRM
–
–
–
–
10
2.0
µA
mA
ON CHARACTERISTICS
*Peak Forward On–State Voltage
(ITM = 32 A Peak, Pulse Width ≤ 1 ms, Duty Cycle ≤ 2%)
VTM
–
–
1.7
Volts
*Gate Trigger Current (Continuous dc)
TC = 25°C
(VD = 12 Vdc, RL = 100 Ohms)
TC = –40°C
IGT
–
–
9.0
–
30
60
mA
*Gate Trigger Voltage (Continuous dc)
(VD = 12 Vdc, RL = 100 Ohms)
TC = 25°C
TC = –40°C
VGT
–
–
0.7
–
1.5
2.5
Volts
Gate Non–Trigger Voltage
(VD = 12 Vdc, RL = 100 Ohms)
TC = +125°C
VGD
0.2
–
–
Volts
*Holding Current
TC = 25°C
(VD = 12 Vdc, Initiating Current = 200 mA,
Gate Open)
*TC = –40°C
IH
–
–
18
–
40
60
mA
Turn-On Time
(ITM = 16 A, IGT = 40 mAdc, VD = Rated VDRM)
tgt
–
1.0
–
µs
Turn-Off Time
(ITM = 16 A, IR = 16 A, VD = Rated VDRM)TC = 25°C
TJ = +125°C
tq
–
–
15
35
–
–
µs
DYNAMIC CHARACTERISTICS
Critical Rate–of–Rise of Off-State Voltage
(VD = Rated VDRM, Exponential Waveform)
TJ = +125°C
dv/dt
–
50
–
V/
µs
*Indicates JEDEC Registered Data.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com