Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2060 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2SC2060
Description  TO-92MOD Plastic-Encapsulate Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2SC2060 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2SC2060 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 2SC2060

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC2060 ROHM-2SC2060 Datasheet
195Kb / 2P
TRANSISTORS TO 92L TO-92LS MRT
2SC2060 ROHM-2SC2060 Datasheet
88Kb / 2P
1.2W PACKAGE POWER TAPED TRANSISTOR DESIGNED FOR USE WITH AN AUTOMATIC PLACEMENT MECHINE
logo
TRANSYS Electronics Lim...
2SC2060 TEL-2SC2060 Datasheet
55Kb / 1P
Plastic-Encapsulated Transistors
logo
SHENZHEN YONGERJIA INDU...
2SC2060 WINNERJOIN-2SC2060 Datasheet
122Kb / 1P
TRANSISTOR (NPN)
logo
Foshan Blue Rocket Elec...
2SC2060 FOSHAN-2SC2060 Datasheet
936Kb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package
More results

Similar Description - 2SC2060

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV966 AVICTEK-AV966 Datasheet
424Kb / 3P
TO-92MOD Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SA965 JIANGSU-2SA965 Datasheet
4Mb / 4P
TO-92MOD Plastic-Encapsulate Transistors
2SB740 JIANGSU-2SB740 Datasheet
3Mb / 3P
TO-92MOD Plastic-Encapsulate Transistors
2SB927 JIANGSU-2SB927 Datasheet
2Mb / 3P
TO-92MOD Plastic-Encapsulate Transistors
2SB985 JIANGSU-2SB985 Datasheet
3Mb / 5P
TO-92MOD Plastic-Encapsulate Transistors
2SC1627A JIANGSU-2SC1627A Datasheet
6Mb / 4P
TO-92MOD Plastic-Encapsulate Transistors
2SC2230 JIANGSU-2SC2230 Datasheet
3Mb / 3P
TO-92MOD Plastic-Encapsulate Transistors
3CG751 JIANGSU-3CG751 Datasheet
3Mb / 3P
TO-92MOD Plastic-Encapsulate Transistors
KSA931 JIANGSU-KSA931 Datasheet
3Mb / 3P
TO-92MOD Plastic-Encapsulate Transistors
KSC2316 JIANGSU-KSC2316 Datasheet
3Mb / 3P
TO-92MOD Plastic-Encapsulate Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com