Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC402 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC402
Description  Low-Gain Op Amp with Fast 14-Bit Settling
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC402 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC402 Datasheet HTML 1Page - National Semiconductor (TI) CLC402 Datasheet HTML 2Page - National Semiconductor (TI) CLC402 Datasheet HTML 3Page - National Semiconductor (TI) CLC402 Datasheet HTML 4Page - National Semiconductor (TI) CLC402 Datasheet HTML 5Page - National Semiconductor (TI) CLC402 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
s
0.0025% settling in 25ns (32ns max)
s
0.5mV input offset voltage, 3
µV/°C drift
s
±1 to ±8 closed-loop gain range
s
Low power, 150mW
s
0.01%/0.05° differential gain/phase
Applications
s
High-accuracy A/D systems (12-14 bits)
s
High-accuracy D/A converters
s
High-speed communications
s
IF processors
s
Video distribution
General Description
CLC402
Low-Gain Op Amp with Fast 14-Bit Settling
N
June 1999
Pinout
DIP & SOIC
The CLC402 is available in several versions to meet a variety of
requirements. A three-letter suffix determines the version:
CLC402AJP -40°C to +85°C
8-pin plastic DIP
CLC402AJE -40°C to +85°C
8-pin plastic SOIC
CLC402A8B -55°C to +125°C
8-pin hermetic CERDIP,
MIL-STD-833, Level B
CLC402ALC -40°C to +85°C
dice
CLC402AMC -55°C to +125°C
dice qualified to Method 5008,
MIL-STD-883, Level B
DESC SMD number: 5962-92033
© 1998 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.
Non-Inverting Frequency Response
1
10
100
-180
-450
-270
-360
Vout = 0.5Vpp
Av = 1
Rf = 274Ω
Av = 2
Rf = 249Ω
Av = 8
Rf = 200Ω
Av = 4
Rf = 221Ω
-90
0


Similar Part No. - CLC402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLC40 ETC-CLC40 Datasheet
66Kb / 4P
Fllstandssensoren Schaltverstarker Baureihe CLC
CLC40-L05 ETC-CLC40-L05 Datasheet
66Kb / 4P
Fllstandssensoren Schaltverstarker Baureihe CLC
CLC40-L15 ETC-CLC40-L15 Datasheet
66Kb / 4P
Fllstandssensoren Schaltverstarker Baureihe CLC
CLC40-L50 ETC-CLC40-L50 Datasheet
66Kb / 4P
Fllstandssensoren Schaltverstarker Baureihe CLC
CLC40-S ETC-CLC40-S Datasheet
66Kb / 4P
Fllstandssensoren Schaltverstarker Baureihe CLC
More results

Similar Description - CLC402

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC400 NSC-CLC400 Datasheet
392Kb / 6P
Fast Settling, Wideband Low-Gain Monolithic Op Amp
CLC401 NSC-CLC401 Datasheet
388Kb / 6P
Fast Settling, Wideband High-Gain Monolithic Op Amp
CLC502 NSC-CLC502 Datasheet
397Kb / 6P
Clamping, Low-Gain Op Amp with Fast 14-bit Settling
logo
Analog Devices
AD841 AD-AD841 Datasheet
354Kb / 8P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV.B
logo
Fairchild Semiconductor
KH220 FAIRCHILD-KH220 Datasheet
401Kb / 5P
Fast Settling Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH220 CADEKA-KH220 Datasheet
442Kb / 5P
Fast Settling Wideband Op Amp
logo
Analog Devices
AD841 AD-AD841_15 Datasheet
338Kb / 16P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. C
logo
Texas Instruments
CLC400 TI1-CLC400 Datasheet
507Kb / 11P
Fast Settling, Wideband Low Gain Monolithic Op Amp
CLC401 TI1-CLC401 Datasheet
448Kb / 12P
Fast Settling, Wideband High Gain Monolithic Op Amp
logo
Analog Devices
AD841 AD-AD841_17 Datasheet
377Kb / 17P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
2/13-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com