Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM24LC02 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AM24LC02
Description  2-Wire Serial 2K-bits (256 x 8) CMOS Electrically Erasable PROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AM24LC02 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AM24LC02 Datasheet HTML 4Page - List of Unclassifed Manufacturers AM24LC02 Datasheet HTML 5Page - List of Unclassifed Manufacturers AM24LC02 Datasheet HTML 6Page - List of Unclassifed Manufacturers AM24LC02 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM24LC02 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM24LC02 Datasheet HTML 9Page - List of Unclassifed Manufacturers AM24LC02 Datasheet HTML 10Page - List of Unclassifed Manufacturers AM24LC02 Datasheet HTML 11Page - List of Unclassifed Manufacturers AM24LC02 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image

  x 
 
   !
P"!
ATC
!
 
 
7
15 (4X)
(4X)
D
PIN #1 INDENT O0.025 DEEP 0.006-0.008
E-PIN O0.118 NOTE 9
B2
B1
B
e
S
E
C
eB
#07%#:%#0#88#077%
#07%#:%##+-7%
%N0G:8%
0#
:0
0L
0#
:0
0L

−−
@@
−−
 !
!
@/
−−
!
−−

@!
@@
@
!
!@
!@/
G
@=
4=
=
!4
!/

G!
!4
!
!=

=
=
G
/!
PP
!!4
@
@P
4
+
 
 
@=
/
!
!4

P
P (
P@
@
@=
@(
7
(=
(P4
/ =
@
@!@
@ 
7!
=!
=@
=
 4
 
 /
−
4
−−
!
−
8
P
@@
@/!
!!
!@
!
G
/@/
//P
P4
@@
@
@(
%
(!
/4
P(
 /
@@
@/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com