Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC40 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CLC40
Description  Fllstandssensoren Schaltverstarker Baureihe CLC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CLC40 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CLC40 Datasheet HTML 1Page - List of Unclassifed Manufacturers CLC40 Datasheet HTML 2Page - List of Unclassifed Manufacturers CLC40 Datasheet HTML 3Page - List of Unclassifed Manufacturers CLC40 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Fllstandssensore n
Schaltverstärker
Baureihe
CLC
Angaben in mm
Bezeichnung
CLC 40 - L05
Type
CLC 40 - L05
Artikelnummer
2004005
Order No.
2004005
Betriebsspannung
18 ... 30 V DC
Supply Voltage
18 ... 30 V DC
Stromaufnahme
max. 150mA
Current consumption
max. 150mA
Ausgang
potentialfreier Relaiskontakt
Schließer 200 mA / 40 V/DC
Output
non-potential relay contact
latch 200 mA / 40 V/DC
Umgebungstemperatur
-20°C...+60°C
Ambient temperature
-10°C...+60°C
Gehäusematerial
G AL Si 12 / Deckel glasklar
Housing material
G AL Si 12 / cover clear plastic
Schutzart EN 60529
IP66 Gehäuse
IP40 Flanschdose, optional IP67
Protection EN 60529
IP66 Housing
IP40 Female socket, optional IP67
Anschlußkabel
LIYCY 4x0,25mm² Länge: 0,5m
Junction cable
LIYCY 4x0,25mm² length: 0,5m
LED-Anzeigen
ROT : Relais geschlossen
GRÜN: Relais geöffnet
LED-Diplay
RED: Relay closed
Green: Relay open
anschließbare Sonden
Sonden der Baureihe R
connectable sensors
sonde serie R
Unterteil
86 mm
98 mm
Maximum erreicht
Relais geöffnet
Maximum reached
Relay contact open
+
_
brown (1)
blue (3)
18..30V/DC
black (2)
white (4)
POWER
CLC-40



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com