Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1A Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # R1A
Description  GLASS PASSIVATED FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

R1A Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  R1A Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. R1A Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES R1A THRU R1M
10
0
20
30
40
50
14
8
6
260
10
20
40
100
0
25
50
75
100
125
150
175
0
0.2
0.4
0.6
0.8
1.0
FIG.1-TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2-MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4-TYPICAL REVERE CHARACTERISTICS
REVERE VOLTAGE. (V)
NUMBER OF CYCLES AT 60Hz
LEAD TEMPERATURE ( C)
°
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
0.1 0.2
0.4
1
4
210
40
20
100
10
60
40
100
20
200
FIG.5-TYPICAL JUNCTION CAPACITANCE
FIG.6-TEST CIRCUIT DIAGRAM AND REVERE
RECOVERY TIME CHARACTERISTIC
T =25 C
J
°
SINGIE PHASE HAIF WAVE 60H
RESISTIVE OR INDUCTIVE LOAD
Z
6
4
2
1
PERCENT OF RATED PEAK REVERE VOLTAGE,%
0.4
0.6
0.8
1.0
1.2
1.4
1.8
1.6
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
T =25 C
J
°
Pulse Width=300 s
1% Duty Cycle
μ
0.01
0.03
0.1
0.3
1
3
10
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
2-2
0
20
40
60
80
100
01
.
1
10
100
T =125 C
J
°
T =150 C
J
°
SET TIME BASE FOR 50/100 ns/cm
1cm
trr
-0.25A
0
+0.5A
-1.0A
PULSE
GENERATOR
(NOTE2)
NONINDUCTIVE
OSCILLOSCOPE
(NOTE1)
D.U.T.
NONINDUCTIVE
NONIN-
DUCTIVE
50Ω
50Vdc
10Ω
1Ω
()
-
()
+
NOTES:1.Rise Time=7ns max. input lmpedance=1
megohm 22pF
2.Rise Time=10ns max. source lmpedance
=50 ohms
(ADJUSTABLE)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com