Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM-400 Datasheet(PDF) 2 Page - CUI INC

Part # PCM-400
Description  AC-DC POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PCM-400 Datasheet(HTML) 2 Page - CUI INC

  PCM-400 Datasheet HTML 1Page - CUI INC PCM-400 Datasheet HTML 2Page - CUI INC PCM-400 Datasheet HTML 3Page - CUI INC PCM-400 Datasheet HTML 4Page - CUI INC PCM-400 Datasheet HTML 5Page - CUI INC PCM-400 Datasheet HTML 6Page - CUI INC PCM-400 Datasheet HTML 7Page - CUI INC PCM-400 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
cui.com
date 12/02/2014
page 2 of 8
CUI Inc
│ SERIES: PCM-400 │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
264
Vac
frequency
47
63
Hz
current
at 90 Vac, full load
8
A
inrush current
at 115 Vac, cold start
at 230 Vac, cold start
35
70
A
A
leakage current
at 120 Vac
at 240 Vac
300
500
μA
μA
power factor correction
at 230 Vac, full load
0.9
remote ON/OFF
designated as INH on Pin 4 of CN1, requires a low
signal to inhibit output
input fuse
T8 A/250 V on the input
OUTPUT
parameter
conditions/description
min
typ
max
units
total regulation
single output models
dual output models
±1
±5
%
%
transient response
returns to within 1% in <2.5 ms for a 50% load
change and the peak transient does not exceed 5%
start-up time
at 120 Vac
1.5
s
hold-up time
at 120 Vac, 75% load
16
ms
adjustability1
built in trim pot
±5
%
switching frequency
PFC
68
kHz
PWM
all single output models & PCM-400-D1224
all other dual output models
55
50
kHz
kHz
fan drive
12 Vdc/300 mA for external fan
fan fail (FF)
Designated as FF on Pin 3 of CN1, open collector output rated for
15Vdc/5mA max sink current. It goes high when a fan failure is detected.
power good (PG)
Designated as PG on CN1, TTL high 100~500 ms after DC regulation.
It goes low at least 1 ms before loss of regulation.
power supply on
green LED designated as LED1 on the PCB
Note:
1. U-Frame versions only
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
auto restart
over current protection
auto restart
110
140
%
over voltage protection
output latches, must recycle ac input to reset
130
%
over temperature protection
auto restart
105
110
115
°C
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output, for 3 sec.
input to core, for 3 sec.
input to chassis (10 mA AC cut-off current), for 3 sec.
3,000
1,500
1,500
Vac
Vac
Vac
safety approvals
UL/cUL, TUV
safety standards
UL 60950-1, EN 60950-1
EMI/EMC2
EN 55022 Class B (conducted/radiated), EN 61000-3-(2,3),
EN 55024, IEC 61000-4-(2, 3, 4, 5, 6, 11), CE
MTBF
as per MIL-HDBK-217F at 30°C
100,000
hrs
RoHS
2011/65/EU
Note:
2.Thepowersupplyisconsideredacomponentwhichwillbeinstalledintoafinalequipment.Thefinalequipmentmustbere-confirmedthatitstillmeetsEMCdirectives.
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com