Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT600 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT600
Description  3(18) Series of Encoders
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT600 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT600 Datasheet HTML 2Page - Holtek Semiconductor Inc HT600 Datasheet HTML 3Page - Holtek Semiconductor Inc HT600 Datasheet HTML 4Page - Holtek Semiconductor Inc HT600 Datasheet HTML 5Page - Holtek Semiconductor Inc HT600 Datasheet HTML 6Page - Holtek Semiconductor Inc HT600 Datasheet HTML 7Page - Holtek Semiconductor Inc HT600 Datasheet HTML 8Page - Holtek Semiconductor Inc HT600 Datasheet HTML 9Page - Holtek Semiconductor Inc HT600 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Address/data waveform
Each programmable address/data pin can be externally set to one of the following three logic states:
The ²Open² state data input is interpreted as logic low by the decoders since the decoder output only
have two states.
Address/data programming (preset)
The status of each address/data pin can be individually preset to logic ²high², ²low²,or ²floating².Ifa
transmission enable signal is applied, the encoder scans and transmits the status of the 18 bits of ad-
dress/data serially in the order A0 to AD17 for the HT600/HT640/HT680 and A0 to D17 for the
HT6187/HT6207/HT6247.
There are some packaging limitations. The 18-pin DIP HT680, for example, offers four external data
bits and eight external address bits. The remaining unpackaged bits or dummy codes are treated as
floating for A0~AD17 or as pull-low for D12~D17. During an information transmission these bits are
still located in their original position. But if the trigger signal is not applied, the chip only consumes a
standby current which is less than 1mA.
The address pins are usually preset to transmit data codes with particular security codes by the DIP
switches or PCB wiring, while the data is selected using push buttons or electronic switches.
The following figure shows an application using the HT680:
318 Series of Encoders
6
July 8, 1999
V S S A 0A 1A 2A 3A 6A 7A 8A 9
VD D T E A D 11 A D 12 A D 14 A D 15
OS C 1
OS C 2
DO UT
T r ans m i s s i on
m edi um
VD D
"O n e "
" Z er o"
" O p en"
A ddr es s / D a t a B i t
f o sc ¸ 33
Address/Data bit waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com