Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT680 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT680
Description  3(18) Series of Encoders
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT680 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT680 Datasheet HTML 3Page - Holtek Semiconductor Inc HT680 Datasheet HTML 4Page - Holtek Semiconductor Inc HT680 Datasheet HTML 5Page - Holtek Semiconductor Inc HT680 Datasheet HTML 6Page - Holtek Semiconductor Inc HT680 Datasheet HTML 7Page - Holtek Semiconductor Inc HT680 Datasheet HTML 8Page - Holtek Semiconductor Inc HT680 Datasheet HTML 9Page - Holtek Semiconductor Inc HT680 Datasheet HTML 10Page - Holtek Semiconductor Inc HT680 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
The transmitted information is as shown:
Pilot
&
Sync.
A0
0
A1
Z
A2
0
A3
1
A4
Z
A5
Z
A6
1
A7
Z
A8
0
A9
0
AD10
Z
AD11
Z
¾
AD12
Z
AD13
Z
AD14
Z
AD15
1
AD16
Z
AD17
Z
Z: floating
Address/Data sequence
The following provides a table of address/data sequence for various models of the 3
18 series encoders. A
correct device should be selected according to the individual address and data requirementss.
Part No.
Address/Data Bits
0~3
4
5
6~9
10
11
12
13
14
15
16
17
HT600
A0~A3 A4
¾ A6~A9
¾
AD11 AD12 AD13 AD14 AD15
¾¾
HT640
A0~A3 A4
A5 A6~A9 AD10 AD11 AD12 AD13 AD14 AD15 AD16 AD17
HT680
A0~A3 ¾¾ A6~A9
¾
AD11 AD12
¾
AD14 AD15
¾¾
HT6187 A0~A3 ¾¾ A6~A9
¾
A11
D12
D14
D15
HT6207 A0~A3 A4
¾ A6~A9
¾
A11
D12
D13
D14
D15
HT6247 A0~A3 A4
A5 A6~A9 AD10 A11
D12
D13
D14
D15
D16
D17
Notes: ²¾² is a dummy code which is left ²open² and not bonded out.
²² is a dummy code which is set low and not bonded out.
Transmission enable
For the TE trigger type of encoders, transmission is enabled by applying a high signal to the TE pin.
But for the Data trigger type of encoders, it is enabled by applying a high signal to one of the data
pins D12~D17.
318 Series of Encoders
7
July 8, 1999



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com