Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N60 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 4N60
Description  Avalanche Energy Specified
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

4N60 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  4N60 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 4N60 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
1
isc N-Channel Mosfet Transistor
4N60
·
FEATURES
·
Drain Current –ID= 4A@ TC=25℃
·
Drain Source Voltage-
: VDSS= 600V(Min)
·
Static Drain-Source On-Resistance
: RDS(on) = 2.2Ω(Max)
·
Avalanche Energy Specified
·
Fast Switching
·
Simple Drive Requirements
·
DESCRITION
·
Designed for high efficiency switch mode power supply.
·
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
600
V
VGS
Gate-Source Voltage-Continuous
±
20
V
ID
Drain Current-Continuous
4
A
IDM
Drain Current-Single Plused
16
A
PD
Total Dissipation @TC=25℃
104
W
Tj
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature
-55~150
℃
·
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.2
℃
/W
Rth j-a
Thermal Resistance, Junction to Ambient
62.5
℃
/W


Similar Part No. - 4N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N60 UTC-4N60 Datasheet
152Kb / 8P
4 Amps, 600 Volts N-CHANNEL POWER MOSFET
logo
Estek Electronics Co. L...
4N60 ESTEK-4N60 Datasheet
543Kb / 5P
4 Amps竊?00Volts N-Channel MOSFET
logo
Unisonic Technologies
4N60 UTC-4N60 Datasheet
397Kb / 8P
4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
4N60 UTC-4N60 Datasheet
376Kb / 8P
4A, 600V N-CHANNEL POWER MOSFET
4N60 UTC-4N60 Datasheet
408Kb / 9P
4A, 600V N-CHANNEL POWER MOSFET
More results

Similar Description - 4N60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5EA1310 IRF-IRF5EA1310_15 Datasheet
244Kb / 7P
Avalanche Energy Ratings
IRF5M5210 IRF-IRF5M5210_15 Datasheet
115Kb / 7P
Avalanche Energy Ratings
IRF5N4905 IRF-IRF5N4905_15 Datasheet
121Kb / 7P
Avalanche Energy Ratings
IRF5NJ3315 IRF-IRF5NJ3315_15 Datasheet
176Kb / 7P
Avalanche Energy Ratings
IRF5Y3315CM IRF-IRF5Y3315CM_15 Datasheet
108Kb / 7P
Avalanche Energy Ratings
IRF5Y3710CM IRF-IRF5Y3710CM_15 Datasheet
107Kb / 7P
Avalanche Energy Ratings
IRF7Y1405CM IRF-IRF7Y1405CM_15 Datasheet
100Kb / 7P
Avalanche Energy Ratings
logo
Inchange Semiconductor ...
5N60 ISC-5N60 Datasheet
157Kb / 2P
Avalanche Energy Specified
6N60 ISC-6N60 Datasheet
157Kb / 2P
Avalanche Energy Specified
logo
STMicroelectronics
STPS10LCD100C STMICROELECTRONICS-STPS10LCD100C Datasheet
102Kb / 7P
Avalanche capability specified
23-May-2008
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com