Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDT60 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BDT60
Description  Complement to Type BDT61/A/B/C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDT60 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BDT60 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDT60 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
2
isc Silicon PNP Darlington Power Transistors
BDT60/A/B/C
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter
Breakdown Voltage
BDT60
IC= -30mA; IB= 0
-60
V
BDT60A
-80
BDT60B
-100
BDT60C
-120
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -1.5A; IB= -6mA
-2.5
V
VBE(on)
Base-Emitter On Voltage
IC= -1.5A ; VCE= -3V
-2.5
V
ICBO
Collector
Cutoff Current
BDT60
VCB= -60V; IE= 0
VCB= -30V; IE= 0; TJ=150℃
-0.2
-2.0
mA
BDT60A
VCB= -80V; IE= 0
VCB= -40V; IE= 0; TJ=150℃
-0.2
-2.0
BDT60B
VCB= -100V; IE= 0
VCB= -50V; IE= 0; TJ=150℃
-0.2
-2.0
BDT60C
VCB= -120V; IE= 0
VCB= -60V; IE= 0; TJ=150℃
-0.2
-2.0
ICEO
Collector
Cutoff Current
BDT60
VCE= -30V; IB= 0
-0.5
mA
BDT60A
VCE= -40V; IB= 0
-0.5
BDT60B
VCE= -50V; IB= 0
-0.5
BDT60C
VCE= -60V; IB= 0
-0.5
IEBO
Emitter Cutoff Current
VEB= -5V; IC= 0
-5
mA
hFE
DC Current Gain
IC= -1.5A; VCE= -3V
750
VECF
C-E Diode Forward Voltage
IE= -1.5A
-2.0
V
Switching Times
ton
Turn-On Time
IC= -2A; IB1= -IB2= -8mA;
VBE(off)= 5V; RL= 20Ω
1.0
μs
toff
Turn-Off Time
4.5
μs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com