Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDT60C Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BDT60C
Description  Complement to Type BDT61/A/B/C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDT60C Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BDT60C Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDT60C Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
1
isc Silicon PNP Darlington Power Transistors
BDT60/A/B/C
DESCRIPTION
·DC Current Gain -hFE = 750(Min)@ IC= -1.5A
·Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = -60V(Min)- BDT60; -80V(Min)- BDT60A;
-100V(Min)- BDT60B; -120V(Min)- BDT60C
·Complement to Type BDT61/A/B/C
APPLICATIONS
·Designed for use in audio amplifier output stages , general
purpose amplifier and high speed switching applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base
Voltage
BDT60
-60
V
BDT60A
-80
BDT60B
-100
BDT60C
-120
VCEO
Collector-Emitter
Voltage
BDT60
-60
V
BDT60A
-80
BDT60B
-100
BDT60C
-120
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-4
A
IB
Base Current
-0.1
A
PC
Collector Power Dissipation
Ta=25℃
2
W
Collector Power Dissipation
TC=25℃
50
Tj
Junction Temperature
150
℃
Tstg
Storage Ttemperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.5
℃/W
Rth j-c
Thermal Resistance,Junction to Ambient
62.5
℃/W


Similar Part No. - BDT60C

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BDT60C POINN-BDT60C Datasheet
168Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDT60C TRSYS-BDT60C Datasheet
719Kb / 5P
PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDT60C BOURNS-BDT60C Datasheet
119Kb / 5P
PNP SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDT60C NJSEMI-BDT60C Datasheet
212Kb / 2P
PNP SILICON POWER DARLINGTONS
logo
Inchange Semiconductor ...
BDT60CF ISC-BDT60CF Datasheet
113Kb / 2P
isc Silicon PNP Darlington Power Transistors
More results

Similar Description - BDT60C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD242CTU ETC2-BD242CTU Datasheet
33Kb / 3P
Complement to BD241/A/B/C respectively
logo
Inchange Semiconductor ...
2SA1265 ISC-2SA1265 Datasheet
111Kb / 2P
Complement to Type 2SC3182
2SA1964 ISC-2SA1964 Datasheet
105Kb / 2P
Complement to Type 2SC5248
2SA1606 ISC-2SA1606 Datasheet
104Kb / 2P
Complement to Type 2SC4159
2SB1038 ISC-2SB1038 Datasheet
111Kb / 2P
Complement to Type 2SD1310
2SB989 ISC-2SB989 Datasheet
110Kb / 2P
Complement to Type 2SD1352
2SB692 ISC-2SB692 Datasheet
90Kb / 2P
Complement to Type 2SD728
2SB1031 ISC-2SB1031 Datasheet
88Kb / 2P
Complement to Type 2SD1435
2SC3789 ISC-2SC3789 Datasheet
185Kb / 2P
Complement to Type 2SA1479
2SD1683 ISC-2SD1683 Datasheet
141Kb / 2P
Complement to Type 2SB1143
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com