Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3DD8D Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 3DD8D
Description  Collector-Emitter Breakdown Voltage-: V(BR)CEO= 110V(Min)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

3DD8D Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  3DD8D Datasheet HTML 1Page - Inchange Semiconductor Company Limited 3DD8D Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
1
isc Silicon NPN Power Transistor
3DD8D
DESCRIPTION
·Collector-Emitter Breakdown Voltage-
: V(BR)CEO= 110V(Min)
·Collector-Emitter Saturation Voltage-
: VCE(sat)= 2V(Max) @IC= 5A
APPLICATIONS
·Designed for power amplifier, low speed switching and
regulated power supply applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
110
V
VCEO
Collector-Emitter Voltage
110
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
15
A
PC
Collector Power Dissipation
@ TC=75℃
100
W
TJ
Junction Temperature
175
℃
Tstg
Storage Temperature Range
-55~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.0
℃/W


Similar Part No. - 3DD8D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
3DD880 ISC-3DD880 Datasheet
298Kb / 2P
isc Silicon NPN Power Transistors
3DD8A ISC-3DD8A Datasheet
190Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 30V(Min)
3DD8B ISC-3DD8B Datasheet
190Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 50V(Min)
3DD8C ISC-3DD8C Datasheet
190Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 80V(Min)
3DD8E ISC-3DD8E Datasheet
190Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 150V(Min)
More results

Similar Description - 3DD8D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA1080 ISC-2SA1080 Datasheet
98Kb / 2P
Collector-Emitter Breakdown Voltage- : V(BR)CEO= -40V(Min.)
2SA505 ISC-2SA505 Datasheet
108Kb / 2P
Collector-Emitter Breakdown Voltage- V(BR)CEO= -50V (Min.)
2SA652 ISC-2SA652 Datasheet
82Kb / 2P
Collector-Emitter Breakdown Voltage- : V(BR)CEO= -100V(Min.)
2SB526 ISC-2SB526 Datasheet
109Kb / 2P
Collector-Emitter Breakdown Voltage- : V(BR)CEO= -80V(Min)
3DD101A ISC-3DD101A Datasheet
191Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 100V(Min.)
3DD15B ISC-3DD15B Datasheet
190Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 100V(Min.)
3DD325 ISC-3DD325 Datasheet
195Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 50V(Min)
3DD8B ISC-3DD8B Datasheet
190Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 50V(Min)
BUY55 ISC-BUY55 Datasheet
192Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 125V(Min.)
BUY77 ISC-BUY77 Datasheet
194Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO = 250V(Min.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com