Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3K Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # ES3K
Description  SURFACE MOUNT GLASS PASSIVATED JUNCTION SUPER FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

ES3K Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  ES3K Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. ES3K Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
A
ES3
THRU ES3K
0
110
50
70
90
130
150
170
0
2.0
1.0
0.5
1.5
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE ( C)
°
Resistive or Inductive Load
0.1
1.0
100
10
0.01
0.10
1.00
0
40
20
60
140
120
100
80
10.00
20
040
60
80
100 110
15
50
10
100
0.2
0.6
1.4
1.0
2.2
1.8
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.4-TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
REVERSE VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
NUMBER OF CYCLES AT 60Hz
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
T = 25 C
J1
°
T =100 C
J
°
1
0.1
0.4
1.0
4
2
10
40
20
100
2
6
10
60
40
4
20
FIG.5-TYPICAL JUNCTION CAPACITANCE
T =25 C
J
°
Pulse Width=300 s
1% Duty Cycle
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
0.2
100
200
3.0
2.5
800V
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
2-2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com