Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6502 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6502
Description  Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6502 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMH6502 Datasheet HTML 1Page - National Semiconductor (TI) LMH6502 Datasheet HTML 2Page - National Semiconductor (TI) LMH6502 Datasheet HTML 3Page - National Semiconductor (TI) LMH6502 Datasheet HTML 4Page - National Semiconductor (TI) LMH6502 Datasheet HTML 5Page - National Semiconductor (TI) LMH6502 Datasheet HTML 6Page - National Semiconductor (TI) LMH6502 Datasheet HTML 7Page - National Semiconductor (TI) LMH6502 Datasheet HTML 8Page - National Semiconductor (TI) LMH6502 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 4):
Human Body
2KV
Machine Model
200V
Input Current
±10mA
V
IN Differential
±(V+ -V−)
Output Current
120mA (Note 3)
Supply Voltages (V
+ -V−)
12.6V
Voltage at Input/ Output pins
V
+ +0.8V,V− - 0.8V
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature
+150˚C
Soldering Information:
Infrared or Convection (20 sec)
235˚C
Wave Soldering (10 sec)
260˚C
Operating Ratings (Note 1)
Supply Voltages (V
+ -V−)
5Vto12V
Temperature Range
−40˚C to +85˚C
Thermal Resistance:
(
θ
JC)(
θ
JA)
14-Pin SOIC
45˚C/W
138˚C/W
14-Pin TSSOP
51˚C/W
160˚C/W
Electrical Characteristics(Note 2)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, VS = ±5V, AV(MAX) = 10, VCM = 0V, RF =1k
Ω,R
G = 174
Ω,
V
IN_DIFF = ±0.1V, RL = 100
Ω,V
G = +2V. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 6)
Max
(Note 6)
Units
Frequency Domain Response
BW
-3dB Bandwidth
V
OUT < 0.5PP
130
MHz
V
OUT < 0.5PP,AV(MAX) = 100
50
GF
Gain Flatness
V
OUT < 0.5VPP
0.6V
≤ V
G
≤ 2V, ±0.3dB
30
MHz
Att Range Flat Band (Relative to Max Gain)
Attenuation Range (Note 14)
±0.2dB, f < 30MHz
16
dB
±0.1dB, f < 30MHz
7.5
BW
Control
Gain control Bandwidth
V
G = 1V (Note 13)
100
MHz
PL
Linear Phase Deviation
DC to 60MHz
1.5
deg
G Delay
Group Delay
DC to 130MHz
2.5
ns
CT (dB)
Feed-through
V
G = 0V, 30MHz (Output
Referred)
−47
dB
GR
Gain Adjustment Range
f < 10MHz
72
dB
f < 30MHz
67
Time Domain Response
t
r,tf
Rise and Fall Time
0.5V Step
2.2
ns
OS %
Overshoot
0.5V Step
10
%
SR
Slew Rate
4V Step
1800
V/µs
∆ G Rate Gain Change Rate
V
IN = 0.3V, 10%-90% of Final
Output
4.8
dB/ns
Distortion & Noise Performance
HD2
2
nd Harmonic Distortion
2V
PP, 20MHz
−55
dBc
HD3
3
rd Harmonic Distortion
2V
PP, 20MHz
−57
dBc
THD
Total Harmonic Distortion
2V
PP, 20MHz
−53
dBc
En tot
Total Equivalent Input Noise
1MHz to 150MHz
7.7
nV/
I
N
Input Noise Current
1MHz to 150MHz
2.4
pA/
DG
Differential Gain
f = 4.43MHz, R
L = 150
Ω,
Neg. Sync
0.34
%
DP
Differential Phase
f = 4.43MHz, R
L = 150
Ω,
Neg. Sync
0.10
deg
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com