Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT2N7002E-R3 Datasheet(PDF) 2 Page - CT Micro International Corporation

Part # CT2N7002E-R3
Description  N-Channel Enhancement MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT2N7002E-R3 Datasheet(HTML) 2 Page - CT Micro International Corporation

  CT2N7002E-R3 Datasheet HTML 1Page - CT Micro International Corporation CT2N7002E-R3 Datasheet HTML 2Page - CT Micro International Corporation CT2N7002E-R3 Datasheet HTML 3Page - CT Micro International Corporation CT2N7002E-R3 Datasheet HTML 4Page - CT Micro International Corporation CT2N7002E-R3 Datasheet HTML 5Page - CT Micro International Corporation CT2N7002E-R3 Datasheet HTML 6Page - CT Micro International Corporation CT2N7002E-R3 Datasheet HTML 7Page - CT Micro International Corporation CT2N7002E-R3 Datasheet HTML 8Page - CT Micro International Corporation CT2N7002E-R3 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CT Micro
Rev 3
Proprietary & Confidential
Page 2
Jun, 2015
CT2N7002E-R3
N-Channel Enhancement MOSFET
Absolute Maximum Rating at 25oC
Symbol
Parameters
Ratings
Units
Notes
VDS
Drain-Source Voltage
60
V
VGS
Gate-Source Voltage
±20
V
ID
Continuous Drain Current @TA=25
℃
500
mA
1
IDM
Pulsed Drain Current
1200
mA
1
PD
Total Power Dissipation @TA=25
℃
0.35
W
2
TSTG
Storage Temperature Range
-55 to 150
oC
TJ
Operating Junction Temperature Range
-55 to 150
oC
Thermal Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
R JA
Thermal Resistance
Junction-Ambient (t=10s)
-
360
-
oC /W
1,4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com