Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT350SL Datasheet(PDF) 3 Page - CT Micro International Corporation

Part # CT350SL
Description  2.5A MOSFET/IGBT Gate Driver Optocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT350SL Datasheet(HTML) 3 Page - CT Micro International Corporation

  CT350SL Datasheet HTML 1Page - CT Micro International Corporation CT350SL Datasheet HTML 2Page - CT Micro International Corporation CT350SL Datasheet HTML 3Page - CT Micro International Corporation CT350SL Datasheet HTML 4Page - CT Micro International Corporation CT350SL Datasheet HTML 5Page - CT Micro International Corporation CT350SL Datasheet HTML 6Page - CT Micro International Corporation CT350SL Datasheet HTML 7Page - CT Micro International Corporation CT350SL Datasheet HTML 8Page - CT Micro International Corporation CT350SL Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 3
Aug, 2013
CT350
2.5A MOSFET/IGBT Gate Driver Optocoupler
Electrical Characteristics
Typical values are measured at TA = -40 0C to 1000C (unless otherwise stated)
Emitter Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
VF
Forward voltage
IF = 10mA
--
1.45
1.8
V
VR
Reverse Voltage
IR = 10µA
5.0
-
-
V
VF/ TA
Temperature coefficient of
forward voltage
IF =10mA
--
-1.8
--
mV/°C
Detector Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
ICCL
Logic Low Supply Current
IF = 0mA, VO= Open
--
1.5
2.0
mA
ICCH
Logic High Supply Current
IF = 10mA, VO= Open
--
1.7
2.2
mA
Transfer Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
VOH
High Level Output Voltage
IF=5mA, VCC 1= +15 V,
VEE 1= -15 V,RL = 200
11.0
13.7
--
V
VOL
Low Level Output Voltage
VF=0.8V,VCC 1= +15 V,
VEE 1= -15 V,RL = 200
--
-14.9
-12.5
V
IOPH
High Level Output Current
IF = 5 mA, VCC = 30 V
V8-6 = -3.5 V
--
-1.6
-1.0
A
IF = 5 mA , VCC = 15 V
V8-6 = -7.0 V
--
--
-2.0
IOPL
Low Level Output Current
IF = 0 mA, VCC = 30 V
V6-5 = 2.5 V
1.0
1.6
--
A
IF = 0 mA, VCC = 15 V
V6-5 = 7 V
2.0
--
--
IFHL
Input Threshold Current
VCC = 15V ,IO= 0mA, VO> 1V
--
1.8
5.0
mA
VFHL
Input Threshold Voltage
VCC = 15V ,IO= 0mA, VO< 1V
0.8
--
--
V
VUVLO+
Under Voltage Lockout
Threshold
IF= 5mA, VO> 2.5V
11.0
12.5
13.5
V
VUVLO-
IF= 5mA, VO< 2.5V
9.5
11.0
12.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com