Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT817D Datasheet(PDF) 11 Page - CT Micro International Corporation

Part # CT817D
Description  DC Input 4-Pin Phototransistor Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT817D Datasheet(HTML) 11 Page - CT Micro International Corporation

Back Button CT817D Datasheet HTML 7Page - CT Micro International Corporation CT817D Datasheet HTML 8Page - CT Micro International Corporation CT817D Datasheet HTML 9Page - CT Micro International Corporation CT817D Datasheet HTML 10Page - CT Micro International Corporation CT817D Datasheet HTML 11Page - CT Micro International Corporation CT817D Datasheet HTML 12Page - CT Micro International Corporation CT817D Datasheet HTML 13Page - CT Micro International Corporation CT817D Datasheet HTML 14Page - CT Micro International Corporation CT817D Datasheet HTML 15Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CT Micro
Rev 3
Proprietary & Confidential
Page 11
May, 2016
CT817 Series
DC Input 4-Pin Phototransistor Optocoupler
Ordering Information
CT817X(V)(Y)(Z)-HG
X = Part No. (X=A, B, C, D or None)
V = VDE Option ( V or None)
Y = Lead form option (S, SL, M, SLM or none)
Z = Tape and reel option (T1, T2, T3, T4 or none)
H = Lead frame option (H: Iron, None: Copper)
G= Material option (G: Green, None: Non-green)
Option
Description
Quantity
None
Standard 4 Pin Dip
100 Units/Tube
M
Gullwing (400mil) Lead Forming
100 Units/Tube
S(T1)
Surface Mount Lead Forming – With Option 1 Taping
1500 Units/Reel
S(T2)
Surface Mount Lead Forming – With Option 2 Taping
1500 Units/Reel
S(T3)
Surface Mount Lead Forming – With Option 3 Taping
1000 Units/Reel
S(T4)
Surface Mount Lead Forming – With Option 4 Taping
1000 Units/Reel
SL(T1)
Surface Mount (Low Profile) Lead Forming– With Option 1 Taping
1500 Units/Reel
SL(T2)
Surface Mount (Low Profile) Lead Forming – With Option 2 Taping
1500 Units/Reel
SL(T3)
Surface Mount (Low Profile) Lead Forming– With Option 3 Taping
1000 Units/Reel
SL(T4)
Surface Mount (Low Profile) Lead Forming – With Option 4 Taping
1000 Units/Reel
SLM(T1)
Surface Mount (Gullwing) Lead Forming– With Option 1 Taping
1500 Units/Reel
SLM(T2)
Surface Mount (Gullwing) Lead Forming – With Option 2 Taping
1500 Units/Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com