Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6N139VST2 Datasheet(PDF) 4 Page - CT Micro International Corporation

Part # 6N139VST2
Description  Low Input Current Photodarlington Coupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

6N139VST2 Datasheet(HTML) 4 Page - CT Micro International Corporation

  6N139VST2 Datasheet HTML 1Page - CT Micro International Corporation 6N139VST2 Datasheet HTML 2Page - CT Micro International Corporation 6N139VST2 Datasheet HTML 3Page - CT Micro International Corporation 6N139VST2 Datasheet HTML 4Page - CT Micro International Corporation 6N139VST2 Datasheet HTML 5Page - CT Micro International Corporation 6N139VST2 Datasheet HTML 6Page - CT Micro International Corporation 6N139VST2 Datasheet HTML 7Page - CT Micro International Corporation 6N139VST2 Datasheet HTML 8Page - CT Micro International Corporation 6N139VST2 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 4
Aug, 2013
6N138, 6N139
Low Input Current Photodarlington Coupler
Electrical Characteristics T
A = 0 - 70°C, VCC= 5V (unless otherwise specified).
Switching Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
TPHL
High to Low
Propagation Delay
6N139
IF= 0.5mA,
RL= 4.7k
Ω
-
-
30
µs
TA= 250C
-
4.8
25
IF= 12mA,
RL= 250
Ω
-
-
2
TA= 250C
-
0.2
1
6N138
IF= 1.6mA,
RL= 2.2k
Ω
-
-
15
TA= 250C
-
1.35
10
TPLH
Low to High
Propagation Delay
6N139
IF= 0.5mA,
RL= 4.7k
Ω
-
-
90
µs
TA= 250C
-
15
60
IF= 12mA,
RL= 250
Ω
-
-
10
TA= 250C
-
1.6
7
6N138
IF= 1.6mA,
RL= 2.2k
Ω
-
-
50
TA= 250C
-
7.6
35
CMH
Common Mode Transient
Immunity at Logic High
IF = 0mA, |VCM| = 10VP-P,
TA = 25°C,RL = 2.2k
1,000
-
-
V/µs
CML
Common Mode Transient
Immunity at Logic Low
IF = 1.6mA, |VCM| = 10VP-P,
TA = 25°C,RL = 2.2k
1,000
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com