Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT8401 Datasheet(PDF) 21 Page - Princeton Technology Corp

Part # PT8401
Description  MP3 Audio Decoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT8401 Datasheet(HTML) 21 Page - Princeton Technology Corp

Back Button PT8401 Datasheet HTML 17Page - Princeton Technology Corp PT8401 Datasheet HTML 18Page - Princeton Technology Corp PT8401 Datasheet HTML 19Page - Princeton Technology Corp PT8401 Datasheet HTML 20Page - Princeton Technology Corp PT8401 Datasheet HTML 21Page - Princeton Technology Corp PT8401 Datasheet HTML 22Page - Princeton Technology Corp PT8401 Datasheet HTML 23Page - Princeton Technology Corp PT8401 Datasheet HTML 24Page - Princeton Technology Corp PT8401 Datasheet HTML 25Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
MP3 Audio Decoder
PT8401
PT8401 v 1.3
Page 21
Updated March 2002
Princeton Technology Corp.
00
01
10
11
Subband=4-31
Subband=8-31
Subband=12-31
Subband=16-31
Off
On
Off
On
Off
Off
On
On
3
copyright
0:not protected, 1: protected
2
original
0:copy, 1:original
emphasis
Indicate which type of emphesis is used
0..1
00
01
10
11
None
50/15 microseconds
reserved
CCITT J.17
0x03
NumAncillaryBits Current frame contain number of ancillary bits contain in current frame. Update in
every frame.
0x0
R
0x04.
AncillaryData
Current frame’s ancillary data. Update in every frame. Maximum is 56 bytes.
0x0
R
0x05
Error Status
Bit 0 : Set to 1 : indicates CRC check error.
Bit 1 : Set to 1 means bitstream error. The following several condition may cause
error :
1). Information in MPEG header point to “reserved” condition.(layer to “00”,
sampling frequency to “11”).
2). Bit rate index point to free and forbidden condition.
0x0
R
Electrical Characteristics
Absolute Maximum Ratings
Symbol
Parameter
Pin Name
Min.
Max.
Unit
VSUP
Digital supply voltage
VDD
2.7
4
V
TA
Ambient Operating Temperature
-10
85
?C
Recommended Operating Conditions
Symbol
Parameter
Pin
Name
Min.
Typ.
Max.
Unit
TA
Ambient Operating
25
?C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com