Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRX3-DIP Datasheet(PDF) 2 Page - CUI INC

Part # VRX3-DIP
Description  DC-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VRX3-DIP Datasheet(HTML) 2 Page - CUI INC

  VRX3-DIP Datasheet HTML 1Page - CUI INC VRX3-DIP Datasheet HTML 2Page - CUI INC VRX3-DIP Datasheet HTML 3Page - CUI INC VRX3-DIP Datasheet HTML 4Page - CUI INC VRX3-DIP Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VRX3-DIP │ DESCRIPTION: DC-DC CONVERTER
date
09/11/2012 │ page 2 of 5
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
5 V model
12 V model
24 V model
48 V model
4.5
9.0
18.0
36.0
5
12
24
48
9.0
18.0
36.0
72.0
Vdc
Vdc
Vdc
Vdc
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
input voltage from low to high
±0.2
±0.5
%
load regulation
measured from 10%
load to full load
VRA3 models
VRB3 models
±0.5
±0.5
±1.0
±0.75
%
%
voltage accuracy
positive
negative
±1
±3
±3
±5
%
%
ripple and noise
20 MHz bandwidth
50
100
mVp-p
switching frequency
100% load, input voltage range
300
kHz
temperature coefficient
±0.03
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
continuous
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
for 1 minute at 1 mA max.
1,500
Vdc
isolation resistance
at 500 Vdc
1,000
MΩ
isolation capacitance
input to output at 100 kHz / 1 V
85
pF
MTBF
1,000,000
hours
RoHS compliant
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-40
85
°C
storage temperature
-55
125
°C
storage humidity
non-condensing
95
%
temperature rise
at full load
15
°C
lead temperature
1.5 mm from case for 10 seconds
300
°C
PART NUMBER KEY
VR X 3 - DXX - X XX -DIP
Input Voltage
Output Voltage
Base Number:
A = dual output voltage
Ex: VRA3-D5-D5-DIP
B = single output voltage
Ex: VRB3-D5-S5-DIP
Packaging Style
Output:
S = single
D = dual
For more information, please visit the product page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com