Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT3120SL Datasheet(PDF) 2 Page - CT Micro International Corporation

Part # CT3120SL
Description  2.5A MOSFET/IGBT Gate Driver Optocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT3120SL Datasheet(HTML) 2 Page - CT Micro International Corporation

  CT3120SL Datasheet HTML 1Page - CT Micro International Corporation CT3120SL Datasheet HTML 2Page - CT Micro International Corporation CT3120SL Datasheet HTML 3Page - CT Micro International Corporation CT3120SL Datasheet HTML 4Page - CT Micro International Corporation CT3120SL Datasheet HTML 5Page - CT Micro International Corporation CT3120SL Datasheet HTML 6Page - CT Micro International Corporation CT3120SL Datasheet HTML 7Page - CT Micro International Corporation CT3120SL Datasheet HTML 8Page - CT Micro International Corporation CT3120SL Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 2
Aug, 2013
CT3120
2.5A MOSFET/IGBT Gate Driver Optocoupler
Truth Table
LED
Vcc-VEE
Positive Going
Vcc-VEE
Negative Going
Output
Off
0 to 30 V
0 to 30V
Low
On
0 to 11.5V
0 to 10V
Low
On
11.5 to 13.5V
10 to 12V
Transition
On
13.5 to 30V
12 to 30V
High
Absolute Maximum Rating at 25oC
Symbol
Parameters
Ratings
Units
Notes
VISO
Isolation voltage
5000
VRMS
1
TOPR
Operating temperature
-40 ~ +100
0C
TSTG
Storage temperature
-55 ~ +125
0C
TSOL
Soldering temperature
260
0C
2
PT
Total Power Dissipation
300
mW
fOPR
Operating Frequency
50
kHz
3
Emitter
IF
Forward current
25
mA
IFP
Peak forward current (50% duty, 1ms P.W)
1
A
VR
Reverse voltage
5
V
Detector
PD
Power dissipation
250
mW
VO(PEAK)
Peak Output Voltage
35
V
IOPH
Output High Peak Current
2.5
A
4
IOPL
Output Low Peak Current
2.5
A
4
VCC
Supply voltage
0 to 30
V
Notes
1.
AC for 1 minute, RH = 40 ~ 60%.
2.
For 10 second peak
3.
Exponential Waveform, IO(PEAK) ≤ |2.5A|, Pulse Width ≤ 0.3us
4.
Pulse Width = 10uS, DC = 1.0%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com