Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT814BVT3 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # CT814BVT3
Description  AC Input 4-Pin Phototransistor Optocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT814BVT3 Datasheet(HTML) 1 Page - CT Micro International Corporation

  CT814BVT3 Datasheet HTML 1Page - CT Micro International Corporation CT814BVT3 Datasheet HTML 2Page - CT Micro International Corporation CT814BVT3 Datasheet HTML 3Page - CT Micro International Corporation CT814BVT3 Datasheet HTML 4Page - CT Micro International Corporation CT814BVT3 Datasheet HTML 5Page - CT Micro International Corporation CT814BVT3 Datasheet HTML 6Page - CT Micro International Corporation CT814BVT3 Datasheet HTML 7Page - CT Micro International Corporation CT814BVT3 Datasheet HTML 8Page - CT Micro International Corporation CT814BVT3 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 1
Apr, 2015
CT814 Series
AC Input 4-Pin Phototransistor Optocoupler
Package Outline
Schematic
Features
•
•
•
•
High isolation 5000 VRMS
•
•
•
•
CTR flexibility available see order information
•
•
•
•
DC input with transistor output
•
•
•
•
External Creepage ≥ 7.5mm (S/SL Type)
•
•
•
•
External Creepage ≥ 8.0mm (SLM Type)
•
•
•
•
Operating Temperature range - 55 °C to 110 °C
•
•
•
•
Regulatory Approvals
UL - UL1577 (E364000)
VDE - EN60747-5-5(VDE0884-5)
CQC – GB4943.1, GB8898
IEC60065, IEC60950
Description
The CT814 series consists of a phototransistor
optically coupled to two gallium arsenide
Infrared-emitting diode, connected in inverse
parallel, in a 4-lead DIP package with bending
options.
Applications
•
•
•
•
Switch mode power supplies
•
•
•
•
Computer peripheral interface
•
•
•
•
Microprocessor system interface


Similar Part No. - CT814BVT3

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
Power Inductors - Unshielded
More results

Similar Description - CT814BVT3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
ILD620 SIEMENS-ILD620 Datasheet
76Kb / 4P
AC INPUT PHOTOTRANSISTOR OPTOCOUPLER
logo
CT Micro International ...
CT354 CTMICRO-CT354 Datasheet
1Mb / 10P
AC Input 4-Pin Mini-Flat Phototransistor Optocoupler
CT816 CTMICRO-CT816 Datasheet
1Mb / 16P
DC Input 4-Pin Phototransistor Optocoupler
CT816D3 CTMICRO-CT816D3 Datasheet
1Mb / 16P
DC Input 4-Pin Phototransistor Optocoupler
CT817 CTMICRO-CT817 Datasheet
1Mb / 16P
DC Input 4-Pin Phototransistor Optocoupler
CT851 CTMICRO-CT851 Datasheet
1Mb / 16P
DC Input 4-Pin Phototransistor Optocoupler
CTH214CTH214 CTMICRO-CTH214CTH214 Datasheet
1Mb / 10P
AC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
CT451 CTMICRO-CT451 Datasheet
1Mb / 12P
DC Input 4-Pin Phototransistor Optocoupler
CTH214 CTMICRO-CTH214 Datasheet
1Mb / 10P
AC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
logo
Guangdong Youtai Semico...
LTV-354 UMW-LTV-354 Datasheet
1Mb / 8P
AC Input 4-Pin Mini-Flat Phototransistor Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com