Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1000 Datasheet(PDF) 1 Page - Comchip Technology

Part # MP1000
Description  Silicon Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MP1000 Datasheet(HTML) 1 Page - Comchip Technology

  MP1000 Datasheet HTML 1Page - Comchip Technology MP1000 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Reverse Voltage: 50 - 1000 Volts
Forward Current: 10 Amp
MP1000 Thru 1010
Features
- Diffused Junction
- High Current Capability
- High Case Dielectric Strength
- High Surge Current Capability
- Ideal for Printed Circuit Board Application
- Plastic Material has Underwriters
Laboratory Flammability Classification
94V-O
- Case: Molded Plastic
- Terminals: Plated Leads Solderable per MIL
STD-202, Method 208
- Weight: 5.4 grams (approx.)
- Mounting Position: Through Hole for #6
Screw
- Mounting Torque: 5.0 Inch-pounds Maximum
Mechanical Data
Silicon Bridge Rectifiers
Silicon Bridge Rectifiers
www.comchiptech.com
COMCHIP
COMCHIP
MDS0309003A
Page 1
MP-10
MP-10
+
+
--
~
~
~
~
Dim
Min
Max
A
14.73
15.75
B
5.80
6.90
C
19.00
-
D
E
5.11
6.14
3.60
4.00
H
10.30
11.30
J
MP-10
All Dimensions in mm
Hole for # 6 screw
G
1.00 Ø Typical
2.38 x 45
oC Typical
A
A
H
H
J
J
G
G
E
E
E
E
B
B
C
C
Metal Heat Sink
Metal Heat Sink
D
D
Peak Repetitive Reverse Voltage
VRRM
Working Peak Rever se Voltage
VRWM
DC Blocking Voltage
VR
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current (Note1) @ TA = 50°C
IO
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
A
Forward Voltage (per element) @IF = 5.0A
VFM
V
Peak Reverse Current
@TC = 25°C
uA
At Rated DC Blocking Voltage @TC = 100°C
mA
I
2t Rating for Fusing (t < 8.3ms) (Note2)
I
2t
A
2s
Typical Junction Capacitance (Note3)
Cj
pF
Typical Thermal Resistance (Note4)
R JC
K/W
Operating and Storage Temperature Range
Tj, TSTG
°C
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
4. Thermal resistance junction to cas e per element.
Maximum Ratings and Electrical Characterics
CHARACTERISTICS
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbol
MP
1010
UNIT
200
1.1
MP
1000
MP
1001
MP
1002
MP
1004
MP
1006
MP
1008
50
IR
100
200
400
10
V
1.0
800
1000
10
600
64
7.5
Note: 1. Non-repetitive for t > 1ms and < 8.3ms.
2. Thermal resistance junction to am bient mounted on PC board with 13.0 x 13.0 x 0.03mm thick land areas.
-65 to +150
110


Similar Part No. - MP1000

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
MP1000 WTE-MP1000 Datasheet
35Kb / 3P
10A BRIDGE RECTIFIER
MP1000 WTE-MP1000 Datasheet
46Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
MP1000 WTE-MP1000 Datasheet
53Kb / 4P
10A SINGLE PHASE BRIDGE RECTIFIER
September, 2012
logo
M-System Co.,Ltd.
MP1000-1023 MSYSTEM-MP1000-1023 Datasheet
87Kb / 4P
DC INPUT LIMIT ALARM
logo
Comchip Technology
MP1000-G COMCHIP-MP1000-G Datasheet
63Kb / 2P
Silicon Bridge Rectifiers
More results

Similar Description - MP1000

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com