Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5641CD Datasheet(PDF) 1 Page - LightKey Optoelectronics Ltd.

Part # LD5641CD
Description  0.56 inch Four Digit 7 Segment LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD5641CD Datasheet(HTML) 1 Page - LightKey Optoelectronics Ltd.

  LD5641CD Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD5641CD Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD5641CD Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LightKey
SPEC NO: DS10121498
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 1/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.56 inch Four Digit 7 Segment LED Display
LD5641C/D Series - 0.56 inch Four Digit 7 Segment LED Display
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Features
14.20 mm (0.56 inch) digit high
Excellent digit appearance
Wide viewing angle
Range of emitted colors
I.C. compatible
Low power consumption
White segment, black face
Available options
Alternative emitting luminosity:
Standard or high brightness version
Alternative emitted color
Alternative face and segment color
Alternative font
Both CA and CC versions are available
Cropped terminal pins
RoHS compliant
Package Dimensions
50.30
12.70
8.10
2.54*5=12.70
12.70
PIN 1
12.70
DIG.2
15.24
1.35
DIG.1
D
DIG.4
E
F
DIG.3
A
DP
C
G
B
0.51
8.0
Notes:
1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm(0.01inch)unless other wise noted.
2. Specifications are subject to change without notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm.


Similar Part No. - LD5641CD

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5641AB LIGHTKEY-LD5641AB Datasheet
162Kb / 3P
0.56 inch Four Digit 7 Segment LED Display
LD5641AD LIGHTKEY-LD5641AD Datasheet
162Kb / 3P
0.56 inch Four Digit 7 Segment LED Display
LD5641AG LIGHTKEY-LD5641AG Datasheet
162Kb / 3P
0.56 inch Four Digit 7 Segment LED Display
LD5641AO LIGHTKEY-LD5641AO Datasheet
162Kb / 3P
0.56 inch Four Digit 7 Segment LED Display
LD5641APG LIGHTKEY-LD5641APG Datasheet
162Kb / 3P
0.56 inch Four Digit 7 Segment LED Display
More results

Similar Description - LD5641CD

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PD46-CAMG13 P-TEC-PD46-CAMG13 Datasheet
25Kb / 1P
Four Digit 7 Segment 0.56??Display
PD46-CAMR12 P-TEC-PD46-CAMR12 Datasheet
25Kb / 1P
Four Digit 7 Segment 0.56??Display
PD46-CAMR21 P-TEC-PD46-CAMR21 Datasheet
25Kb / 1P
Four Digit 7 Segment 0.56??Display
PD46-CAMR24 P-TEC-PD46-CAMR24 Datasheet
25Kb / 1P
Four Digit 7 Segment 0.56??Display
PD46-CAMY01 P-TEC-PD46-CAMY01 Datasheet
25Kb / 1P
Four Digit 7 Segment 0.56??Display
logo
LightKey Optoelectronic...
LD5624AB LIGHTKEY-LD5624AB Datasheet
167Kb / 3P
0.56 inch Dual Digit 7 Segment LED Display
LD5641AB LIGHTKEY-LD5641AB Datasheet
162Kb / 3P
0.56 inch Four Digit 7 Segment LED Display
LD5643AB LIGHTKEY-LD5643AB Datasheet
178Kb / 3P
0.56 inch Four Digit 7 Segment LED Display
LD5644AB LIGHTKEY-LD5644AB Datasheet
168Kb / 3P
0.56 inch Four Digit 7 Segment LED Display
LD5645AB LIGHTKEY-LD5645AB Datasheet
161Kb / 3P
0.56 inch Four Digit 7 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com