Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD6011AY Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD6011AY
Description  0.60 inch Single Digit 7 Segment LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD6011AY Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD6011AY Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD6011AY Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD6011AY Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121722
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.60 inch Single Digit 7 Segment LED Display
Internal Circuit Diagram
LD6011A (Common Cathode)
LD6011B (Common Anode)
Selection Guide
Single Digit 7 Segment LED Display, Digit Height: 15.00mm(0.60inch), External Dimensions:
8.30x25.00x8.30mm ( Lx W x H )
Part No.
Chip
Iv@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD6011AR
LD6011BR
GaAlAs
Super Red
640
8
10
8
10
LD6011AD
LD6011BD
GaAlAs
Hi-Red
640
18
25
18
25
LD6011AO
LD6011BO
GaAsP
Orange
625
7
9
7
9
LD6011AY
LD6011BY
GaAsP
Yellow
588
8
10
8
10
LD6011AG
LD6011BG
GaP
Green
568
7
9
7
9
LD6011AUR
LD6011BUR
AlGaInP
Ultra Red
640
30
45
30
45
LD6011AUO
LD6011BUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD6011AUA
LD6011BUA
AlGaInP
Ultra Amber
605
30
45
30
45
LD6011AUY
LD6011BUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD6011AUG
LD6011BUG
AlGaInP
Ultra Green
573
30
45
30
45
LD6011APG
LD6011BPG
InGaN
Pure Green
525
120
300
120
300
LD6011AUB
LD6011BUB
InGaN
Ultra Blue
470
30
45
30
45
LD6011AUW
LD6011BUW
InGaN
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com