Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD8013CD Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD8013CD
Description  0.80 inch Single Digit 16 Segment LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD8013CD Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD8013CD Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD8013CD Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD8013CD Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121726
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.80 inch Single Digit 16 Segment LED Display
Internal Circuit Diagram
LD8013C (Common Cathode)
A2
2
A1
10
11
D1
D2
13
15
BC
14
16
14
3
5
G1
G2
H
F
E
12,17
8
7
9
18
6
N
M
L
K
J
LD8013D (Common Anode)
A2
2
A1
10
11
D1
D2
13
15
BC
14
16
14
3
5
G1
G2
H
F
E
12,17
8
7
9
18
6
N
M
L
K
J
Selection Guide
Single Digit 7 Segment LED Display, Digit Height:20.32mm(0.80 inch), External Dimensions:
20.00x27.70x8.50mm (L x W x H )
Part No.
Chip
IV@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD8013CR
LD8013DR
GaAlAs
Super Red
640
8
10
8
10
LD8013CD
LD8013DD
GaAlAs
Hi-Red
640
18
25
18
25
LD8013CO
LD8013DO
GaAsP
Orange
625
7
9
7
9
LD8013CY
LD8013DY
GaAsP
Yellow
588
8
10
8
10
LD8013CG
LD8013DG
GaP
Green
568
7
9
7
9
LD8013CUR
LD8013DUR
AlGaInP
Ultra Red
640
30
45
30
45
LD8013CUO
LD8013DUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD8013CUA
LD8013DUA
AlGaInP
Ultra Amber
605
30
45
30
45
LD8013CUY
LD8013DUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD8013CUG
LD8013DUG
AlGaInP
Ultra Green
573
30
45
30
45
LD8013CPG
LD8013DPG
InGaN
Pure Green
525
120
300
120
300
LD8013CUB
LD8013DUB
InGaN
Ultra Blue
470
30
45
30
45
LD8013CUW
LD8013DUW
SMD
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com