Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD8041CD Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD8041CD
Description  0.80 inch Four Digit 7 Segment LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD8041CD Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD8041CD Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD8041CD Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD8041CD Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121732
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.80 inch Four Digit 7 Segment LED Display
Internal Circuit Diagram
LD8041C (Common Cathode)
11
4
7
2 1105 3
A
DIG.2
BC D E
G
FDP
12
DIG.1
D
ABC
E F G
9
DIG.3
C
DP AB
DE
F
8
DP
GA B C D E
6
G
FDP
DIG.4
LD8041D (Common Anode)
11
4
72 1 10 5 3
A
DIG.2
12
BC D
E
G
FDP
DIG.1
D
AB C
E F G
9
DIG.3
C
DP A B
D E
F
8
DP
GA B C D E
6
G
FDP
DIG.4
Selection Guide
Four Digit 7 Segment LED Display, Digit Height:20.40mm(0.80 inch), External Dimensions:
71.60x25.70x8.50mm (L x W x H)
Part No.
Chip
IV@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD8041CR
LD8041DR
GaAlAs
Super Red
640
8
10
8
10
LD8041CD
LD8041DD
GaAlAs
Hi-Red
640
18
25
18
25
LD8041CO
LD8041DO
GaAsP
Orange
625
7
9
7
9
LD8041CY
LD8041DY
GaAsP
Yellow
588
8
10
8
10
LD8041CG
LD8041DG
GaP
Green
568
7
9
7
9
LD8041CUR
LD8041DUR
AlGaInP
Ultra Red
640
30
45
30
45
LD8041CUO
LD8041DUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD8041CUA
LD8041DUA
AlGaInP
Ultra Amber
605
30
45
30
45
LD8041CUY
LD8041DUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD8041CUG
LD8041DUG
AlGaInP
Ultra Green
573
30
45
30
45
LD8041CPG
LD8041DPG
InGaN
Pure Green
525
120
300
120
300
LD8041CUB
LD8041DUB
InGaN
Ultra Blue
470
30
45
30
45
LD8041CUW
LD8041DUW
SMD
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com