Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD10016CD Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD10016CD
Description  1.00 inch Single Digit 7 Segment LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD10016CD Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD10016CD Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD10016CD Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD10016CD Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121736
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.00 inch Single Digit 7 Segment LED Display
Internal Circuit Diagram
LD10016C (Common Cathode)
LD10016D (Common Anode)
A
F
1
C
B
7
6
E
D
2
4
3,8
10
G
F
9
DP
5
A
7
D
C
B
6
4
E
2
1
3,8
DP
G
10
9
5
Selection Guide
Single Digit 7 Segment LED Display, Digit Height: 25.40mm(1.00inch), External Dimensions:
24.00x34.00x10.50mm (L x W x H )
Part No.
Chip
Iv@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD10016CR
LD10016DR
GaAlAs
Super Red
640
8
10
8
10
LD10016CD
LD10016DD
GaAlAs
Hi-Red
640
18
25
18
25
LD10016CO
LD10016DO
GaAsP
Orange
625
7
9
7
9
LD10016CY
LD10016DY
GaAsP
Yellow
588
8
10
8
10
LD10016CG
LD10016DG
GaP
Green
568
7
9
7
9
LD10016CUR
LD10016DUR
AlGaInP
Ultra Red
640
30
45
30
45
LD10016CUO
LD10016DUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD10016CUA
LD10016DUA
AlGaInP
Ultra Amber
605
30
45
30
45
LD10016CUY
LD10016DUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD10016CUG
LD10016DUG
AlGaInP
Ultra Green
573
30
45
30
45
LD10016CPG
LD10016DPG
InGaN
Pure Green
525
120
300
120
300
LD10016CUB
LD10016DUB
InGaN
Ultra Blue
470
30
45
30
45
LD10016CUW
LD10016DUW
SMD
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com