Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD20011CD Datasheet(PDF) 1 Page - LightKey Optoelectronics Ltd.

Part # LD20011CD
Description  2.00 inch Single Digit 16 Segment LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD20011CD Datasheet(HTML) 1 Page - LightKey Optoelectronics Ltd.

  LD20011CD Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD20011CD Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD20011CD Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LightKey
SPEC NO: DS10121745
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 1/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 2.00 inch Single Digit 16 Segment LED Display
LD20011C/D Series – 2.00 inch Single Digit 16 Segment LED Display
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Features
50.80 mm (2.00 inch) digit high
Excellent digit appearance
Wide viewing angle
Range of emitted colors
I.C. compatible
Low power consumption
White segment, black face
Available options
Alternative emitting luminosity:
Standard or high brightness version
Alternative emitted color
Alternative face and segment color
Alternative font
Both CA and CC versions are available
Cropped terminal pins
RoHS compliant
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm(0.01inch)unless other wise noted.
2. Specifications are subject to change without notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm.


Similar Part No. - LD20011CD

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD20011AB LIGHTKEY-LD20011AB Datasheet
226Kb / 3P
2.00 inch Single Digit 16 Segment LED Display
LD20011AD LIGHTKEY-LD20011AD Datasheet
226Kb / 3P
2.00 inch Single Digit 16 Segment LED Display
LD20011AG LIGHTKEY-LD20011AG Datasheet
226Kb / 3P
2.00 inch Single Digit 16 Segment LED Display
LD20011AO LIGHTKEY-LD20011AO Datasheet
226Kb / 3P
2.00 inch Single Digit 16 Segment LED Display
LD20011APG LIGHTKEY-LD20011APG Datasheet
226Kb / 3P
2.00 inch Single Digit 16 Segment LED Display
More results

Similar Description - LD20011CD

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5015AB LIGHTKEY-LD5015AB Datasheet
168Kb / 3P
0.50 inch Single Digit 16 Segment LED Display
LD5015CD LIGHTKEY-LD5015CD Datasheet
169Kb / 3P
0.50 inch Single Digit 16 Segment LED Display
LD5015E LIGHTKEY-LD5015E Datasheet
155Kb / 3P
0.50 inch Single Digit 16 Segment LED Display
LD5015EF LIGHTKEY-LD5015EF Datasheet
155Kb / 3P
0.50 inch Single Digit 16 Segment LED Display
LD8013AB LIGHTKEY-LD8013AB Datasheet
158Kb / 3P
0.80 inch Single Digit 16 Segment LED Display
LD8013CD LIGHTKEY-LD8013CD Datasheet
158Kb / 3P
0.80 inch Single Digit 16 Segment LED Display
LD10013AB LIGHTKEY-LD10013AB Datasheet
176Kb / 3P
1.00 inch Single Digit 16 Segment LED Display
LD10017AB LIGHTKEY-LD10017AB Datasheet
176Kb / 3P
1.00 inch Single Digit 16 Segment LED Display
LD20011AB LIGHTKEY-LD20011AB Datasheet
226Kb / 3P
2.00 inch Single Digit 16 Segment LED Display
LD23013AB LIGHTKEY-LD23013AB Datasheet
176Kb / 3P
1.00 inch Single Digit 16 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com