Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2907 Datasheet(PDF) 5 Page - Comchip Technology

Part # MMBT2907
Description  General Purpose Transistor (PNP)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBT2907 Datasheet(HTML) 5 Page - Comchip Technology

  MMBT2907 Datasheet HTML 1Page - Comchip Technology MMBT2907 Datasheet HTML 2Page - Comchip Technology MMBT2907 Datasheet HTML 3Page - Comchip Technology MMBT2907 Datasheet HTML 4Page - Comchip Technology MMBT2907 Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Page 5
www.comchip
tech.com
COMCHIP
General Purpose Transistor (PNP)
TYPICAL SMALL– SIGNAL CHARACTERISTICS
NOISE FIGURE
VCE = 10 Vdc, TA = 25°C
Figure 7. Frequency Effects
f, Frequency (kHz)
10
0.01
Figure 8. Source Resistance Effects
Rs, Source Resistance (OHMS)
f = 1.0 kHz
IC = –50 µA
–100
µA
–500
µA
–1.0 mA
Rs = OPTIMUM SOURCE RESISTANCE
8.0
6.0
4.0
2.0
0
0.02 0.05 0.1 0.2
0.5 1.0 2.0
5.0 10
20
50
100
10
8.0
6.0
4.0
2.0
0
50
100
200
500 1.0 k
2.0 k
5.0 k 10 k
20 k
50 k
IC = –1.0 mA, Rs = 430 Ω
–500
µA, Rs = 560 Ω
–50
µA, Rs = 2.7 kΩ
–100
µA, Rs = 1.6 kΩ
Figure 9. Capacitances
Reverse Voltage (VOLTS)
30
Figure 10. Current–Gain — Bandwidth Product
IC, Collector Current (mA)
–0.1
2.0
Figure 11. “On” Voltage
IC, Collector Current (mA)
–1.0
Figure 12. Temperature Coefficients
IC, Collector Current (mA)
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = –10 V
RqVC for VCE(sat)
20
10
7.0
5.0
3.0
–0.2 –0.3 –0.5
–1.0
–2.0 –3.0 –5.0
–10
–20 –30
400
300
200
100
80
60
40
30
20
–1.0 –2.0
–5.0
–10
–20
–50
–100 –200
–500 –1000
–0.8
–0.6
–0.4
–0.2
0
–0.1 –0.2
–0.5 –1.0 –2.0 –5.0 –10 –20
–50 –100 –200
–500
+0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–0.1 –0.2
–0.5 –1.0 –2.0
–5.0 –10 –20
–50 –100 –200 –500
Ceb
Ccb
VCE = –20 V
TJ = 25°C
RqVB for VBE
MDS030300B1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com