Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD80011CD Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD80011CD
Description  8 inch Large Assembly 7 Segment LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD80011CD Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD80011CD Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD80011CD Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD80011CD Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121499
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 8 inch Large Assembly 7 Segment LED Display
Selection Guide (Ta = 25 °C )
Single Digit 7 Segment LED Display, Digit Height: 200.00mm(8.00inch), External
Dimensions: 142.00x220.00mm (LxWmm)
Part No.
Chip
Iv@IF=20mA
One Seg
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
LD80011AR
LD80011BR
GaAlAs
Super Red
640
210
262.5
LD80011AD
LD80011BD
GaAlAs
Hi-Red
640
472.5
656.3
LD80011AO
LD80011BO
GaAsP
Orange
625
183.75
236.3
LD80011AY
LD80011BY
GaAsP
Yellow
588
210
262.5
LD80011AG
LD80011BG
GaP
Green
568
183.75
236.3
LD80011AUR
LD80011BUR
AlGaInP
Ultra Red
640
787.5
1181
LD80011AUO
LD80011BUO
AlGaInP
Ultra Orange
625
1181.3
1575
LD80011AUA
LD80011BUA
AlGaInP
Ultra Amber
65
787.5
1181
LD80011AUY
LD80011BUY
AlGaInP
Ultra Yellow
595
787.5
1181
LD80011AUG
LD80011BUG
AlGaInP
Ultra Green
573
787.5
1181
LD80011APG
LD80011BPG
InGaN
Pure Green
525
3150
7875
LD80011AUB
LD80011BUB
InGaN
Ultra Blue
470
787.5
1181
LD80011AUW
LD80011BUW
SMD
Ultra White
\
2625
3150
Unit:
\
\
\
nm
mcd
mcd



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com