Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC412 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC412
Description  Dual Wideband Video Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC412 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CLC412 Datasheet HTML 1Page - National Semiconductor (TI) CLC412 Datasheet HTML 2Page - National Semiconductor (TI) CLC412 Datasheet HTML 3Page - National Semiconductor (TI) CLC412 Datasheet HTML 4Page - National Semiconductor (TI) CLC412 Datasheet HTML 5Page - National Semiconductor (TI) CLC412 Datasheet HTML 6Page - National Semiconductor (TI) CLC412 Datasheet HTML 7Page - National Semiconductor (TI) CLC412 Datasheet HTML 8Page - National Semiconductor (TI) CLC412 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
½CLC412
Vin
Vout
Rf
Rg
Rin
Ro
+
-
C3
C2
C1
C4
+
+
-Vcc
+Vcc
Application Introduction
Offered in an 8-pin package for reduced space and cost,
the wideband CLC412 dual current-feedback op amp
provides closely matched DC & AC electrical performance
characteristics making the part an ideal choice for
wideband signal processing. Applications such as
broadcast-quality video systems, IQ amplifiers, filter
blocks, high-speed peak detectors, integrators and
transimpedance amplifiers will all find superior
performance in the CLC412 dual op amp.
Feedback Resistor Selection
The loop gain and frequency response for a current-
feedback operational amplifier is determined largely by
the feedback resistor, Rf. The Electrical Characteristics
and Typical Performance plots specify an Rf of 634
Ω, a
gain of +2V/V and operation with
±5V power supplies
(unless otherwise stated). Generally, lowering Rf from its
recommended value will peak the frequency response
and extend the bandwidth while increasing its value will
roll off the response. Reducing the value of Rf too far
below its recommended value will cause overshoot,
ringing and eventually oscillation.
The plot above labeled "Frequency Response vs. Rf"
shows the CLC412’s frequency and phase response as
Rf is varied while the gain remains constant at +2V/V
(RL=100
Ω). This plot shows that one particular value of
Rf will optimize the frequency and phase response at the
specified gain setting, i.e. 634
Ω at a gain of +2V/V.
Current-feedback op amps, unlike voltage-feedback op
amps, have a direct relationship between their frequency
and phase response to the value of the feedback resistor,
Rf. For more information see Application Note OA-13
which describes the relationship between Rf and closed-
loop frequency response.
When configuring the CLC412 for other inverting or non-
inverting gains, it is necessary to adjust the value of the
feedback resistor in order to optimize the device’s
frequency and phase response. The two plots below
provide the means of selecting the recommended
feedback-resistor value for both inverting and non-
inverting gain selections. Both plots show the value of Rf
approaching a non-zero minimum (dashed line) at high
gains, which is characteristic of current-feedback op
amps, while the linear portion of the two (solid) curves
(i.e. -5>Av>+6) results from the limitation placed on Rg
(i.e. Rg
≥50Ω). This limitation is due to the desire to keep
Rg greater in value than that of the inverting input
resistance. Therefore, the resulting small-signal
Vin
Vout
Rf
Rb
Rg
Ro
+
-
C3
C2
C1
C4
+
+
-Vcc
+Vcc
½CLC412
Figure 1
Figure 2
5
http://www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com